Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VFK400W Datasheet(PDF) 1 Page - CUI INC

Part # VFK400W
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFK400W Datasheet(HTML) 1 Page - CUI INC

  VFK400W Datasheet HTML 1Page - CUI INC VFK400W Datasheet HTML 2Page - CUI INC VFK400W Datasheet HTML 3Page - CUI INC VFK400W Datasheet HTML 4Page - CUI INC VFK400W Datasheet HTML 5Page - CUI INC VFK400W Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 02/25/2022
page 1 of 6
SERIES: VFK400W
│ DESCRIPTION: DC-DC CONVERTER
date 02/25/2022
page 1 of 6
FEATURES
• up to 400 W isolated output
• rugged metal enclosure with integrated heat sink
• 4:1 input range (10~36 Vdc, 18~75 Vdc)
• single output from 12~48 Vdc
• 1,500 Vdc isolation
• over current, over temperature, over voltage,
and short circuit protection
• remote on/off
• efficiency up to 87%
PART NUMBER KEY
VFK400W - QXX - SXX
Input Voltage
Output Voltage
Base Number
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
range
(Vdc)
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
max
(%)
VFK400W-Q24-S12
10~36
12
33.3
400
200
87
VFK400W-Q24-S24
10~36
24
16.7
400
240
86
VFK400W-Q24-S48
10~36
48
8.3
398
480
86
VFK400W-Q48-S122
20~75
12
33.3
400
200
87
VFK400W-Q48-S24
18~75
24
16.7
400
240
86
VFK400W-Q48-S48
18~75
48
8.3
398
480
86.5
Note:
1.Rippleandnoisearemeasuredatfullload,20MHzBWwith10μFtantalumcapacitorand1μFceramiccapacitoracrosstheoutput.The48Vdcoutputmodelsrequirea
22uF aluminum capacitor and a 1uF ceramic capacitor across the output.
2. An external input capacitor of 470uF is recommended to reduce input ripple voltage.
Additional Resources: Product Page | 3D Model


Similar Part No. - VFK400W

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFK400W CUI-VFK400W Datasheet
801Kb / 6P
DC-DC CONVERTER
VFK400W-DIN CUI-VFK400W-DIN Datasheet
867Kb / 6P
DC-DC CONVERTER
VFK400W-DIN CUI-VFK400W-DIN Datasheet
1Mb / 6P
DC-DC CONVERTER
09/13/2021
VFK400W-DIN CUI-VFK400W-DIN_V01 Datasheet
1Mb / 6P
DC-DC CONVERTER
09/13/2021
VFK400W-Q24-S12 CUI-VFK400W-Q24-S12 Datasheet
801Kb / 6P
DC-DC CONVERTER
More results

Similar Description - VFK400W

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com