Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF1S5000XDA4/V1 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MF1S5000XDA4/V1
Description  MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5000XDA4/V1 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MF1S5000XDA4/V1 Datasheet HTML 9Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 10Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 11Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 12Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 13Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 14Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 15Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 16Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
NXP Semiconductors
MF1S50YYX_V1
MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
MF1S50yyX_V1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3.2 — 23 May 2018
COMPANY PUBLIC
279232
13 / 36
Access bits
Access condition for
Application
0
1
0
key A|B
never
never
never
read/write block[1]
1
0
0
key A|B
key B
never
never
read/write block[1]
1
1
0
key A|B
key B
key B
key A|B
value block[1]
0
0
1
key A|B
never
never
key A|B
value block[1]
0
1
1
key B
key B
never
never
read/write block[1]
1
0
1
key B
never
never
never
read/write block[1]
1
1
1
never
never
never
never
read/write block
[1]
If key B may be read in the corresponding Sector Trailer it cannot serve for authentication (see grey marked lines in Table
7). As a consequences, if the reader authenticates any block of a sector which uses such access conditions for the Sector
Trailer and using key B, the card will refuse any subsequent memory access after authentication.
9 Command overview
Note: In this document the term „MIFARE Classic card“ refers to a MIFARE Classic IC-
based contactless card.
The MIFARE Classic card activation follows the ISO/IEC 14443 Type A. After the
MIFARE Classic card has been selected, it can either be deactivated using the ISO/IEC
14443 Halt command, or the MIFARE Classic commands can be performed. For more
details about the card activation refer to Ref. 4.
9.1 MIFARE Classic command overview
All MIFARE Classic commands typically use the MIFARE Classic using Crypto1 and
require an authentication.
All available commands for the MIFARE Classic EV1 with 1K memory are shown in Table
9.
Table 9. Command overview
Command
ISO/IEC 14443
Command code
(hexadecimal)
Request
REQA
26h (7 bit)
Wake-up
WUPA
52h (7 bit)
Anticollision CL1
Anticollision CL1
93h 20h
Select CL1
Select CL1
93h 70h
Anticollision CL2
Anticollision CL2
95h 20h
Select CL2
Select CL2
95h 70h
Halt
Halt
50h 00h
Authentication with Key A
-
60h
Authentication with Key B
-
61h
Personalize UID Usage
-
40h
SET_MOD_TYPE
-
43h
MIFARE Read
-
30h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com