Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF1S5000XDA4/V1 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MF1S5000XDA4/V1
Description  MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5000XDA4/V1 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MF1S5000XDA4/V1 Datasheet HTML 16Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 17Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 18Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 19Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 20Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 21Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 22Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 23Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
NXP Semiconductors
MF1S50YYX_V1
MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
MF1S50yyX_V1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3.2 — 23 May 2018
COMPANY PUBLIC
279232
20 / 36
12 MIFARE Classic commands
12.1 MIFARE Classic Authentication
The MIFARE Classic authentication is a 3-pass mutual authentication which needs two
pairs of command-response. These two parts, MIFARE Classic authentication part 1 and
part 2 are shown in Figure 15, Figure 16 and Table 20.
Table 21 shows the required timing.
001aan004
CRC
Addr
PCD
Auth
Token RB
PICC ,,ACK''
368 µs
359 µs
PICC ,,NAK''
NAK
Time out
TTimeOut
TNAK
TACK
59 µs
Figure 15. MIFARE Authentication part 1
TTimeOut
TACK
Token AB
708 µs
Token BA
PCD
PICC #ACK#
TimeOut
359 µs
001aan917
Figure 16. MIFARE Authentication part 2
Table 20. MIFARE Classic authentication command
Name
Code
Description
Length
Auth (with Key A) 60h
Authentication with Key A
1 byte
Auth (with Key B) 61h
Authentication with Key B
1 byte
Addr
-
MIFARE Block address (00h to FFh) 1 byte
CRC
-
CRC according to Ref. 4
2 bytes
Token RB
-
Challenge 1 (Random Number)
4 bytes
Token AB
-
Challenge 2 (encrypted data)
8 bytes
Token BA
-
Challenge 2 (encrypted data)
4 bytes
NAK
see Table 10
see Section 9.3
4-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com