Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF1S5000XDA4/V1 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MF1S5000XDA4/V1
Description  MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5000XDA4/V1 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MF1S5000XDA4/V1 Datasheet HTML 17Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 18Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 19Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 20Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 21Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 22Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 23Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 24Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
NXP Semiconductors
MF1S50YYX_V1
MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
MF1S50yyX_V1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3.2 — 23 May 2018
COMPANY PUBLIC
279232
21 / 36
Table 21. MIFARE Classic authentication timing
TACK min
TACK max
TNAK min
TNAK max
TTimeOut
Authentication part 1
n=9
TTimeOut
n=9
n=9
1 ms
Authentication part 2
n=9
TTimeOut
1 ms
Remark: The minimum required time between MIFARE Classic Authentication part 1
and part 2 is the minimum required FDT according to Ref. 4. There is no maximum time
specified.
Remark: The MIFARE Classic authentication and encryption requires an NFC reader
IC for MIFARE products (e.g. the CL RC632). For more details about the authentication
command refer to the corresponding data sheet (e.g. Ref. 5). The 4-byte input parameter
for the MIFARE Classic Authentication is detailed in Section 10.1.3 and Section 10.2.2.
12.2 MIFARE Read
The MIFARE Read requires a block address, and returns the 16 bytes of one MIFARE
Classic block. The command structure is shown in Figure 17 and Table 22.
Table 23 shows the required timing.
001aan014
CRC
CRC
Addr
PCD
Cmd
Data
PICC ,,ACK''
368 µs
1548 µs
PICC ,,NAK''
NAK
Time out
TTimeOut
TNAK
TACK
59 µs
Figure 17. MIFARE Read
Table 22. MIFARE Read command
Name
Code
Description
Length
Cmd
30h
Read one block
1 byte
Addr
-
MIFARE Block address (00h to FFh) 1 byte
CRC
-
CRC according to Ref. 4
2 bytes
Data
-
Data content of the addressed block
16 bytes
NAK
see Table 10
see Section 9.3
4-bit
Table 23. MIFARE Read timing
TACK min
TACK max
TNAK min
TNAK max
TTimeOut
Read
n=9
TTimeOut
n=9
TTimeOut
5 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com