Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF1S5000XDA4/V1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MF1S5000XDA4/V1
Description  MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5000XDA4/V1 Datasheet(HTML) 2 Page - NXP Semiconductors

  MF1S5000XDA4/V1 Datasheet HTML 1Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 2Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 3Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 4Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 5Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 6Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 7Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 8Page - NXP Semiconductors MF1S5000XDA4/V1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
NXP Semiconductors
MF1S50YYX_V1
MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
MF1S50yyX_V1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3.2 — 23 May 2018
COMPANY PUBLIC
279232
2 / 36
• MOA4 and MOA8 contactless module
2 Features and benefits
• Contactless transmission of data and energy
supply
• Operating distance up to 100 mm
depending on antenna geometry and reader
configuration
• Operating frequency of 13.56 MHz
• Data transfer of 106 kbit/s
• Data integrity of 16-bit CRC, parity, bit coding,
bit counting
• Anticollision
• Typical ticketing transaction time of < 100 ms
(including backup management)
• 7 Byte UID or 4 Byte NUID
• Random ID support (7 Byte UID version)
• NXP Originality Check support
2.1 EEPROM
• 1 kB, organized in 16 sectors of 4 blocks (one
block consists of 16 byte)
• User definable access conditions for each
memory block
• Data retention time of 10 years
• Write endurance 200000 cycles
3 Applications
• Public transportation
• Access management
• Electronic toll collection
• Car parking
• School and campus cards
• Employee cards
• Internet cafés
• Loyalty
4 Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Ci
input capacitance
[1]
14.9
16.9
19.0
pF
fi
input frequency
-
13.56
-
MHz
EEPROM characteristics
tret
retention time
Tamb = 22 °C
10
-
-
year
Nendu(W)
write endurance
Tamb = 22 °C
100000
200000 -
cycle
[1]
Tamb=22°C, f=13,56Mhz, VLaLb = 1,5 V RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com