Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS2780RYAR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780RYAR
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780RYAR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS2780RYAR Datasheet HTML 35Page - Texas Instruments TAS2780RYAR Datasheet HTML 36Page - Texas Instruments TAS2780RYAR Datasheet HTML 37Page - Texas Instruments TAS2780RYAR Datasheet HTML 38Page - Texas Instruments TAS2780RYAR Datasheet HTML 39Page - Texas Instruments TAS2780RYAR Datasheet HTML 40Page - Texas Instruments TAS2780RYAR Datasheet HTML 41Page - Texas Instruments TAS2780RYAR Datasheet HTML 42Page - Texas Instruments TAS2780RYAR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
Bit
Field
Type
Reset
Description
0
Reserved
RW
0h
Reserved
8.9.9 DC_BLK0 (page=0x00 address=0x04) [reset=21h]
Bit
Field
Type
Reset
Description
7
VBAT1S_MODE
RW
0h
VBAT1S supply
0b = Supplied externally
1b = Internally generated from PVDD
6
IRQZ_PU
RW
0h
IRQZ internal pull up enable.
0b = Disabled
1b = Enabled
5
AMP_SS
*When Spread Spectrum and Sync
Mode are both enabled, Sync Mode
takes priority
RW
1h
Low EMI spread spectrum is
0b = Disabled
1b = Enabled
4-3
Reserved
R
0h
Reserved
2-0
HPF_FREQ_PB[2:0]
RW
1h
Forward Path DC blocker
0h = Disabled (filter bypassed)
1h = 2 Hz
2h = 50 Hz
3h = 100 Hz
4h = 200 Hz
5h = 400 Hz
6h = 800 Hz
7h = Reserved
* For 44.1/88.2 kHz sampling rates divide the values from above
by 1.0884
8.9.10 DC_BLK1 (page=0x00 address=0x05) [reset=41h]
Bit
Field
Type
Reset
Description
7-4
Reserved
RW
4h
Reserved
3
TFB_EN
RW
0h
Thermal Foldback is
0b = Disabled
1b = Enabled
2-0
HPF_FREQ_REC[2:0]
RW
1h
Record Path DC blocker
0h = Disabled (filter bypassed)
1h = 2 Hz
2h = 50 Hz
3h = 100 Hz
4h = 200 Hz
5h = 400 Hz
6h = 800 Hz
7h = Reserved
* For 44.1/88.2 kHz sampling rates divide the values from above
by 1.0884
8.9.11 MISC_CFG1 (page=0x00 address=0x06) [reset=00h]
Bit
Field
Type
Reset
Description
7-6
Reserved
RW
0h
Reserved
5
OCE_RETRY
RW
0h
Retry after over current event.
0b = Disabled
1b = Enabled, retry after timer.
4
OTE_RETRY
RW
0h
Retry after over temperature event.
0b = Disabled
1b = Enabled, retry after timer.
www.ti.com
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com