Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS2780RYAR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780RYAR
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780RYAR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS2780RYAR Datasheet HTML 9Page - Texas Instruments TAS2780RYAR Datasheet HTML 10Page - Texas Instruments TAS2780RYAR Datasheet HTML 11Page - Texas Instruments TAS2780RYAR Datasheet HTML 12Page - Texas Instruments TAS2780RYAR Datasheet HTML 13Page - Texas Instruments TAS2780RYAR Datasheet HTML 14Page - Texas Instruments TAS2780RYAR Datasheet HTML 15Page - Texas Instruments TAS2780RYAR Datasheet HTML 16Page - Texas Instruments TAS2780RYAR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 97 page
background image
PWR_MODE1
Figure 6-9. ICN vs VBAT
PVDD (V)
4
6
8
10
12
14
16
18
20
22
24
30
33
36
39
42
45
VBAT = 3.8 V, AVDD and IOVDD = 1.8 V
PWR_MODE0
Figure 6-10. ICN vs PVDD
Frequency (Hz)
5.9
5.93
5.96
5.99
6.02
6.05
20
100
1000
10K 20K
VBAT = 3.8 V, PVDD = 18 V
PWR_MODE1
Figure 6-11. Class-D Amplitude vs Frequency
Frequency (Hz)
5.9
5.925
5.95
5.975
6
6.025
6.05
6.075
6.1
6.125
6.15
20
100
1000
10K 20K 40K
VBAT = 5 V, PVDD = 18 V
fs = 96 kHz
PWR_MODE3
Figure 6-12. Class-D Amplitude vs Frequency
PVDD (V)
2
4
6
8
10
12
14
16
18
20
22
24
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
32.5
THDN = 0.1 %
THDN = 1 %
THDN = 10 %
VBAT1S = 5 V
PWR_MODE0/ PWR_MODE1
Figure 6-13. Output Power vs PVDD
POUT (W)
0.02
0.1
1
10
25
0
10
20
30
40
50
60
70
80
90
PVDD = 12 V, VBAT = 3.8 V, AVDD = 1.8 V
PVDD = 18 V, VBAT = 3.8 V, AVDD = 1.8 V
PVDD = 18 V, VBAT = 5 V, AVDD = 1.8 V
PVDD = 21 V, VBAT = 5 V, AVDD = 1.8 V
PWR_MODE1
Figure 6-14. Efficiency vs Output Power
www.ti.com
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com