Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS2780RYAR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2780RYAR
Description  TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2780RYAR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS2780RYAR Datasheet HTML 17Page - Texas Instruments TAS2780RYAR Datasheet HTML 18Page - Texas Instruments TAS2780RYAR Datasheet HTML 19Page - Texas Instruments TAS2780RYAR Datasheet HTML 20Page - Texas Instruments TAS2780RYAR Datasheet HTML 21Page - Texas Instruments TAS2780RYAR Datasheet HTML 22Page - Texas Instruments TAS2780RYAR Datasheet HTML 23Page - Texas Instruments TAS2780RYAR Datasheet HTML 24Page - Texas Instruments TAS2780RYAR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
8.4.2.2 Amplifier Inversion
The TAS2780 will output a non-inverted signal to the OUT_P and OUT_N pins. The output can be inverted with
respect to the digital input value by setting the AMP_INV register bit to high.
8.4.2.3 Digital Volume Control and Amplifier Output Level
The gain from audio input to speaker terminals is controlled by setting the amplifier output level and the digital
volume control (DVC).
Amplifier output level settings are programmed using the AMP_LEVEL[4:0] register bits. The amplifier levels are
presented in Section 8.9.8.The Digital Volume Control (DVC) is set by default to 0 dB. It should be noted that
these levels may not be achievable because of analog clipping in the amplifier, so they should be used only to
convey gain.
Equation (1) calculates amplifier output voltage:
VAMP= INPUT+ADVC+AAMP
(1)
where
• VAMP is the amplifier output voltage in dBV
• INPUT is the digital input amplitude as a number of dB with respect to 0 dBFS
• ADVC is the digital volume control setting as a number of dB
• AAMP is the amplifier output level setting as a number of dBV
The DVC is configurable from 0 dB to -100 dB in 0.5 dB steps by setting the DVC_LVL[7:0] register bits. Settings
greater than C8h are interpreted as mute. When a change in digital volume control occurs, the device ramps the
volume to the new setting based on the DVC_RAMP_RATE[1:0] register bits status.
If DVC_RAMP_RATE[1:0] bits are set to 2'b11 the volume ramping is disabled. This setting can be used
to speed up startup, shutdown and digital volume changes when volume ramping is handled by the system
controller.
The Class-D amplifier uses a closed-loop architecture. The approximate threshold for output signal clipping is
given by equation (2).
(2)
where:
• VPK is the maximum peak un-clipped output voltage in V
• VSUP is the power supply of Class-D output stage
• RL is the speaker load in Ω
• RP is the parasitic resistance on PCB (routing, filters) in Ω
• RFET is the power stage total resistance (HS FET, LS FET, Sense Resistor, bonding, packaging) in Ω
When VBAT1S supplies Class-D output stage typical RFET value is 0.5 Ω. For PVDD supply RFET typical value is
0.25 Ω.
8.4.2.3.1 Safe Mode
The safe mode is a single bit that will enable an 18 dB attenuation in the forward path. It is similar to setting the
DVC_LVL[7:0] register bits to 24h (-18 dB). When the SMODE_EN bit is set to high, the DVC_LVL[7:0] register
bits will be ignored and volume ramping disabled.
8.4.2.4 VBAT1S Supply
The TAS2780 can operate with or without an external VBAT1S supply. When configured without an external
VBAT1S supply, the PVDD voltage will be used with an internal LDO to generate this supply voltage. A
www.ti.com
TAS2780
SLOSE75A – FEBRUARY 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TAS2780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com