Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRQ200W Datasheet(PDF) 2 Page - CUI INC

Part # PRQ200W
Description  DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRQ200W Datasheet(HTML) 2 Page - CUI INC

  PRQ200W Datasheet HTML 1Page - CUI INC PRQ200W Datasheet HTML 2Page - CUI INC PRQ200W Datasheet HTML 3Page - CUI INC PRQ200W Datasheet HTML 4Page - CUI INC PRQ200W Datasheet HTML 5Page - CUI INC PRQ200W Datasheet HTML 6Page - CUI INC PRQ200W Datasheet HTML 7Page - CUI INC PRQ200W Datasheet HTML 8Page - CUI INC PRQ200W Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
cui.com
CUI Inc
│ SERIES: PRQ200W │ DESCRIPTION: DC-DC CONVERTER
date 10/25/2021
│ page 2 of 11
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
18
48
80
Vdc
start-up voltage
18
Vdc
surge voltage
for maximum 1 second
-0.7
90
Vdc
remote on/off1
module ON: REM pin open or pulled high (3.5~12 Vdc)
module OFF: REM pin pulled low to GND (0~1.2 Vdc)
input current when OFF
2
10
mA
filter
Pi filter
current
full load/no load
4845/200
mA
Note: 1. The voltage of ctrl pin is relative to input pin GND.
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load
5 Vdc output models
12 Vdc & 15 Vdc output models
24 Vdc & 36 Vdc output models
48 Vdc output models
6,000
2,000
1,000
450
μF
μF
μF
μF
line regulation
low line to high line
±0.2
±0.5
%
load regulation
5~100% load
±0.5
±0.75
%
set-point accuracy
0~100% load
±1
±3
%
switching frequency
PWM mode
250
kHz
transient response
25% load step change
5 Vdc output model
all other output models
±3
±3
±7.5
±5
%
%
temperature coefficient
full load
±0.03
%/°C
trim range
36 Vdc output models
all other output models
100
90
110
110
%
%
sense range
105
%
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
110
130
160
%
over current protection
110
130
150
%
short circuit protection
continuous, auto recovery, hiccup
over temperature protection
36 Vdc output models
all other output models
95
105
115
115
120
°C
°C
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com