Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRQ200W Datasheet(PDF) 5 Page - CUI INC

Part # PRQ200W
Description  DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRQ200W Datasheet(HTML) 5 Page - CUI INC

  PRQ200W Datasheet HTML 1Page - CUI INC PRQ200W Datasheet HTML 2Page - CUI INC PRQ200W Datasheet HTML 3Page - CUI INC PRQ200W Datasheet HTML 4Page - CUI INC PRQ200W Datasheet HTML 5Page - CUI INC PRQ200W Datasheet HTML 6Page - CUI INC PRQ200W Datasheet HTML 7Page - CUI INC PRQ200W Datasheet HTML 8Page - CUI INC PRQ200W Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
cui.com
CUI Inc
│ SERIES: PRQ200W │ DESCRIPTION: DC-DC CONVERTER
date 10/25/2021
│ page 5 of 11
PIN CONNECTIONS
PIN
FUNCTION
1
+Vin
2
REM
3
-Vin
4
0V
5
Sense-
6
Trim
7
Sense+
8
+Vo
with base plate
units: mm [inches]
pin 1,2,3,5,6,7's diameter: 1.00 [0.039]
pin 4,8's diameter: 1.50 [0.059]
pin diameter tolerance: ±0.10 [±0.004]
general tolerance: ±0.50 [±0.020]
mounting hole screwing torque: Max 0.4 N·m
PIN CONNECTIONS
PIN
FUNCTION
1
+Vin
2
REM
3
-Vin
4
0V
5
Sense-
6
Trim
7
Sense+
8
+Vo
with heatsink
units: mm [inches]
pin 1,2,3,5,6,7's diameter: 1.00 [0.039]
pin 4,8's diameter: 1.50 [0.059]
pin diameter tolerance: ±0.10 [±0.004]
general tolerance: ±0.50 [±0.020]
mounting hole screwing torque: Max 0.4 N·m
MECHANICAL DRAWING (CONTINUED)
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com