Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRQ200W Datasheet(PDF) 3 Page - CUI INC

Part # PRQ200W
Description  DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRQ200W Datasheet(HTML) 3 Page - CUI INC

  PRQ200W Datasheet HTML 1Page - CUI INC PRQ200W Datasheet HTML 2Page - CUI INC PRQ200W Datasheet HTML 3Page - CUI INC PRQ200W Datasheet HTML 4Page - CUI INC PRQ200W Datasheet HTML 5Page - CUI INC PRQ200W Datasheet HTML 6Page - CUI INC PRQ200W Datasheet HTML 7Page - CUI INC PRQ200W Datasheet HTML 8Page - CUI INC PRQ200W Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
cui.com
CUI Inc
│ SERIES: PRQ200W │ DESCRIPTION: DC-DC CONVERTER
date 10/25/2021
│ page 3 of 11
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
85
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
5
95
%
SOLDERABILITY
pin soldering resistance
temperature
wave-soldering, 10 seconds
260
°C
soldering spot is 1.5 mm away from case for 10 seconds
300
°C
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output, 5mA for 1 minute
input to case, 5mA for 1 minute
output to case, 5mA for 1 minute
2,250
1,500
500
Vdc
Vdc
Vdc
isolation resistance
input-output at 500 Vdc
100
MΩ
isolation capacitance
input to output at 100 KHz/0.1 V
2,200
pF
safety approvals
certified to 62368: EN, IEC
conducted emmisions
CISPR32/EN55032 CLASS A (see Fig. 2 for recommended circuit)
radiated emmisions
CISPR32/EN55032 CLASS A (see Fig. 2 for recommended circuit)
ESD
IEC/EN61000-4-2, EN50121-3-2 Contact ±6KV Air ±8KV, perf. Criteria B
radiated immunity
IEC/EN61000-4-3, EN50121-3-2 10V/m, perf. Criteria A
EFT/burst
IEC/EN61000-4-4, EN50121-3-2 ±2KV, perf. Criteria A
surge
EN50121-3-2 differential mode ±1KV, 1.2/50us, sourceimpedance 42Ω, perf. Criteria B
conducted immunity
IEC/EN61000-4-6, EN50121-3-2 10 Vr.m.s, perf. Criteria A
MTBF
MIL-HDBK-217 at 25°C
500
kHours
RoHS
yes
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com