Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRQ200W Datasheet(PDF) 7 Page - CUI INC

Part # PRQ200W
Description  DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRQ200W Datasheet(HTML) 7 Page - CUI INC

Back Button PRQ200W Datasheet HTML 3Page - CUI INC PRQ200W Datasheet HTML 4Page - CUI INC PRQ200W Datasheet HTML 5Page - CUI INC PRQ200W Datasheet HTML 6Page - CUI INC PRQ200W Datasheet HTML 7Page - CUI INC PRQ200W Datasheet HTML 8Page - CUI INC PRQ200W Datasheet HTML 9Page - CUI INC PRQ200W Datasheet HTML 10Page - CUI INC PRQ200W Datasheet HTML 11Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
cui.com
CUI Inc
│ SERIES: PRQ200W │ DESCRIPTION: DC-DC CONVERTER
date 10/25/2021
│ page 7 of 11
APPLICATION CIRCUIT
Figure 1
Output voltage
(Vdc)
FUSE
Cin
(µF)
Cout
(uF)
TVS
5
20A
slow blow
220µF
470µF
SMDJ6.0A
12
220µF
SMDJ14A
15
SMDJ17A
24
110µF
SMDJ28A
36
SMDJ47A
48
SMDJ54A
Table 1
Note: Please pay attention to the ambient temperature of the product when using an external capacitor, increase the electrolytic
capacitor values to at least 1.5 times the original parameter if the ambient temperature is low.
1. It is recommended to use the circuit shown in Fig. 1 during product testing and application, or otherwise
ensure that at least 220 µF of electrolytic capacitors are connected at the input in order to ensure adequate
voltage surge suppression and protection.
2. It is recommended to increase the value of Cin and pay attention to the unstable input voltage if the
product input side is paralleled with motor drive circuit and/or larger energy transient circuits, to ensure the
stability of input terminal and avoid repeatedly start-up problems due to input voltage lower than
under-voltage protection point.
3. It is recommended to increase the output capacitance, limited to the capactive load specification and/or
increasing the voltage clamping circuit (such as TVS) if the output terminal is inductive device such as relay or
a motor, to ensure adequate voltage surge suppression and protection.
4. Input and/or output ripple can be further reduced by appropriately increasing the input & output capacitor
values Cin and Cout and/or by selecting capacitors with a low ESR (equivalent series resistance). Also make
sure that the capacitance is not exceeding the specified maximum capacitive load value of the product.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com