Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5SY4-101-7 Datasheet(PDF) 29 Page - Siemens Semiconductor Group

Part # 5SY4-101-7
Description  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-101-7 Datasheet(HTML) 29 Page - Siemens Semiconductor Group

Back Button 5SY4-101-7 Datasheet HTML 25Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 26Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 27Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 28Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 29Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 30Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 31Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 32Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 33Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
5SQ3 miniature circuit breakers
6 kA, AC model
2/29
Siemens I 2.1 · 2001
N-Type Standard Product Range
Miniature Circuit-Breakers (MCBs)
Miniature Circuit-Breakers (MCBs)
6 000
3
V
s Features
s Application
• Un: 230 V, 50-60 Hz
• Standards: EN 60 898,
DIN VDE 0641 Part 11,
IEC 60 898
• 58 mm device mounting depth
• 1+N in 1 MW for distributions
with little space.
Characteristic B:
Cable and line protection mainly
in socket outlet circuits, proof
regarding shock-hazard protec-
tion is not necessary.
Characteristic C:
Cable and line protection, espe-
cially advantageous in case of
high inrush currents (lamps,
motors etc.).
s Selection and ordering data
In
MW
Order No.
Price
Weight
1 item
Pack.
unit
A
1 item
kg
Items
Characteristic B
1-pole + N
61
5SQ3 560-0KV06
0.216
12
10
5SQ3 560-0KV10
13
5SQ3 560-0KV13
16
5SQ3 560-0KV16
Characteristic C
1-pole + N
61
5SQ3 570-0KV06
0.216
12
10
5SQ3 570-0KV10
13
5SQ3 570-0KV13
16
5SQ3 570-0KV16
20
5SQ3 570-0KV20
For dimension drawings and terminal connections see pages 2/63 and 2/64.
2
1
N
N
2
1
N
N
i21_02.fm Seite 29 Mittwoch, 20. Juni 2001 10:10 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com