Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5SY4-101-7 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # 5SY4-101-7
Description  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-101-7 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  5SY4-101-7 Datasheet HTML 1Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 2Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 3Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 4Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 5Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 6Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 7Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 8Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Description
2/5
Siemens I 2.1 · 2001
General Data
Miniature Circuit-Breakers (MCBs)
s Application examples for 5SX miniature circuit-breakers.
Feeder cables from below with cross sections up to 25 mm2 and
3-pole 5ST2 144 busbars can be simultaneously connected at the
combined terminal of the MCB.
Feeder cables from below with cross sections up to 35 mm2 and 2-
pole 5ST2 143 busbars can be simultaneously connected using the
5ST2 166 terminal.
Cables connected from the top use the same principle.
Feeder cables from above with cross sections up to 35 mm2 can be
connected to 5ST2 144 busbars using the 5ST2 157 supplementary
terminal.
Feeder cables with cross sections up to 25 mm2 and 5ST2 165
busbars can be simultaneously connected at the combined
terminal of the MCB using the auxiliary contacts mounted on site.
A description of the busbars and terminals is available on
page 2/41.
i21_01.fm Seite 5 Mittwoch, 20. Juni 2001 10:09 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com