Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5SY4-101-7 Datasheet(PDF) 32 Page - Siemens Semiconductor Group

Part # 5SY4-101-7
Description  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-101-7 Datasheet(HTML) 32 Page - Siemens Semiconductor Group

Back Button 5SY4-101-7 Datasheet HTML 28Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 29Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 30Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 31Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 32Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 33Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 34Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 35Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 36Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
5SX2 miniature circuit-breakers
6 kA, AC model
2/32
Siemens I 2.1 · 2001
N-Type Standard Product Range
Miniature Circuit-Breakers (MCBs)
6 000
3
V
s Application
Characteristic C:
Cable and line protection, espe-
cially advantageous with high
inrush currents (lamps,
motors etc.).
s Selection and ordering data
In
MW
Order No.
Price
Weight
1 item
Pack.
unit
A
1 item
kg
Items
Characteristic C
1-pole
0.3
1
5SX2 114-7
0.140
12
0.5
5SX2 105-7
1
5SX2 101-7
1.6
5SX2 115-7
2
5SX2 102-7
3
5SX2 103-7
4
5SX2 104-7
6
5SX2 106-7
8
5SX2 108-7
10
5SX2 110-7
13
5SX2 113-7
16
5SX2 116-7
20
5SX2 120-7
25
5SX2 125-7
321)
5SX2 132-7
40
5SX2 140-7
0.115
50
5SX2 150-7
63
2)
5SX2 163-7
0.150
1-pole + N
62
5SX2 506-7
0.210
6
10
5SX2 510-7
13
5SX2 513-7
16
5SX2 516-7
20
5SX2 520-7
25
5SX2 525-7
32
5SX2 532-7
40
5SX2 540-7
0.300
50
5SX2 550-7
2-pole
0.5
2
5SX2 205-7
0.280
6
1
5SX2 201-7
1.6
5SX2 215-7
2
5SX2 202-7
3
5SX2 203-7
4
5SX2 204-7
6
5SX2 206-7
8
5SX2 208-7
10
5SX2 210-7
13
5SX2 213-7
16
5SX2 216-7
20
5SX2 220-7
25
5SX2 225-7
32
5SX2 232-7
40
5SX2 240-7
0.300
50
5SX2 250-7
63 2)
5SX2 263-7
The versions 5SX2 B 6 ... 50, C 0.5 ... 50 and D 0.5 ... 32 1-pole, 2-pole and 3-pole are certified acc. to
UL 1077 and CSA 22.2 No. 235-M 89 and can be used as „supplementary protectors“ up to 277 V AC (1-
pole) and 480 V AC (2-pole, 3-pole).
For additional components see page 2/39.
For accessories see pages 2/40 to 2/42.
For dimension drawings and terminal connectionssee pages 2/63 and 2/64.
2
1
N/14
N/13
2
1
2
1
4
3
1) Also suitable for 21 kW active power for 3-phase 400 V (e. g. continuous-flow water heaters with short-time operation)
or 7 kW active power for 230 V AC (e. g. storage heater in non-continuous operation). For continuous load conditions
we recommend to use miniature circuit-breakers with characteristic B and C and In = 40 A.
2) Without V
i21_02.fm Seite 32 Mittwoch, 20. Juni 2001 10:10 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com