Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5SY4-101-7 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # 5SY4-101-7
Description  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-101-7 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button 5SY4-101-7 Datasheet HTML 3Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 4Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 5Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 6Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 7Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 8Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 9Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 10Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
Description
2/7
Siemens I 2.1 · 2001
General Data
Miniature Circuit-Breakers (MCBs)
s Tripping characteristics acc. to EN 60 898, DIN VDE 0641 Part 11
Tripping characteristic A
• For limited semiconductor
protection
• Protection of measuring cir-
cuits with transformers
• Protection of circuits with long
cable lengths which will re-
quire tripping within 0.4 s acc.
to DIN VDE 0100 Part 410
Tripping characteristic B
• Cable and line protection
mainly in residential buildings,
proof regarding shock-hazard
protection is not necessary
Tripping characteristic C
• Cable and line protection, ad-
vantageous in case of higher
inrush currents, e.g. lamps,
motors etc.
Tripping characteristic D
• The tripping range has been
matched to applications in-
volving equipment generating
significant pulses (transform-
ers, solenoid valves)
I2-6663b
12
3 4
6 8 10
20 30
1,5
5
15
6
4
2
1
0,2
0,1
0,01
0,02
0,04
0,06
0,4
0,6
10
20
40
1
2
4
6
10
20
40
60
120
1,13 1,45
Multiple of rated current
A
12
3 4
6 8 10
20 30
1,5
5
15
I2-6352c
1,13 1,45
6
4
2
1
0,2
0,1
0,01
0,02
0,04
0,06
0,4
0,6
10
20
40
1
2
4
6
10
20
40
60
120
Multiple of rated current
A
12
3
4
6 8 10
20
30
1,5
5
15
I2_06353c
6
4
2
1
0,2
0,1
0,01
0,02
0,04
0,06
0,4
0,6
10
20
40
1
2
4
6
10
20
40
60
120
1,13 1,45
Multiple of rated current
A
12
3
4
6 8 10
20
3
1,5
5
15
I2_06354c
6
4
2
1
0,2
0,1
0,01
0,02
0,04
0,06
0,4
0,6
10
20
40
1
2
4
6
10
20
40
60
120
1,13 1,45
Multiple of rated current
A
At other ambient temperatures,
the currents of the delayed trip-
ping change by approximately
5 % for each 10 K temperature
difference. More specifically
they increase for temperatures
below 30°C and decrease for
temperatures above 30° C.
For DC, the limit currents of the
instantaneous tripping increase
by a factor of 1.2.
If more than one circuit in a
series of MCBs is loaded, this
has an impact on the character-
istic as a result of an increased
ambient temperature.
In this case, an additional cor-
rection factor must be applied,
referred to the rated miniature
circuit-breaker current.
Number
1
2 - 3
4 - 6
> 7
Correction factor K
1.00
0.90
0.88
0.85
i21_01.fm Seite 7 Mittwoch, 20. Juni 2001 10:09 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com