Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F88-I/SS Datasheet(PDF) 42 Page - Microchip Technology

Part # PIC16F88-I/SS
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/SS Datasheet(HTML) 42 Page - Microchip Technology

Back Button PIC16F88-I/SS Datasheet HTML 38Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 39Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 40Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 41Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 42Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 43Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 44Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 45Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 214 page
background image
PIC16F87/88
DS30487B-page 40
Preliminary
 2003 Microchip Technology Inc.
4.6.3
CLOCK TRANSITION AND WDT
When clock switching is performed, the Watchdog
Timer is disabled because the Watchdog ripple counter
is used as the Oscillator Start-up Timer.
Once the clock transition is complete (i.e., new oscilla-
tor selection switch has occurred), the Watchdog
counter is re-enabled with the Counter Reset. This
allows the user to synchronize the Watchdog Timer to
the start of execution at the new clock frequency.
REGISTER 4-2:
OSCCON: OSCILLATOR CONTROL REGISTER (ADDRESS 8Fh)
Note:
The OST is only used when switching to
XT, HS, and LP Oscillator modes.
U-0
R/W-0
R/W-0
R/W-0
R-0
R/W-0
R/W-0
R/W-0
—
IRCF2
IRCF1
IRCF0
OSTS(1)
IOFS
SCS1
SCS0
bit 7
bit 0
bit 7
Unimplemented: Read as ‘0’
bit 6-4
IRCF<2:0>: Internal RC Oscillator Frequency Select bits
000
= 31.25 kHz
001
= 125 kHz
010
= 250 kHz
011
= 500 kHz
100
= 1 MHz
101
= 2 MHz
110
= 4 MHz
111
= 8 MHz
bit 3
OSTS: Oscillator Start-up Time-out Status bit(1)
1
= Device is running from the primary system clock
0
= Device is running from T1OSC or INTRC as a secondary system clock
Note 1: Bit resets to ‘0’ with Two-Speed Start-up mode, and LP, XT, or HS selected as the
oscillator mode.
bit 2
IOFS: INTOSC Frequency Stable bit
1
= Frequency is stable
0
= Frequency is not stable
bit 1-0
SCS<1:0>: Oscillator Mode Select bits
00
= Oscillator mode defined by FOSC<2:0>
01
= T1OSC is used for system clock
10
= Internal RC is used for system clock
11
= Reserved
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com