Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F88-I/SS Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC16F88-I/SS
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/SS Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC16F88-I/SS Datasheet HTML 39Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 40Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 41Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 42Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 43Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 44Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 45Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 46Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 214 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS30487B-page 41
PIC16F87/88
FIGURE 4-6:
PIC16F87/88 CLOCK DIAGRAM
4.6.4
MODIFYING THE IRCF BITS
The IRCF bits can be modified at any time, regardless
of which clock source is currently being used as the sys-
tem clock. The internal oscillator allows users to change
the frequency during run time. This is achieved by mod-
ifying the IRCF bits in the OSCCON register. The
sequence of events that occur after the IRCF bits are
modified is dependent upon the initial value of the IRCF
bits before they are modified. If the INTRC (31.25 kHz,
IRCF<2:0> = 000) is running and the IRCF bits are
modified to any other value than ‘000’, a 4 ms clock
switch delay is turned on. Code execution continues at
a higher than expected frequency while the new fre-
quency stabilizes. Time sensitive code should wait for
the IOFS bit in the OSCCON register to become set
before continuing. This bit can be monitored to ensure
that the frequency is stable before using the system
clock in time critical applications.
If the IRCF bits are modified while the internal oscillator
is running at any other frequency than INTRC
(31.25 kHz IRCF<2:0>
≠ 000), there is no need for a
4 ms clock switch delay. The new INTOSC frequency
will be stable immediately after the eight falling edges.
The IOFS bit will remain set after clock switching
occurs.
4.6.5
CLOCK TRANSITION SEQUENCE
Following are three different sequences for switching
the internal RC oscillator frequency.
• Clock before switch: 31.25 kHz (IRCF<2:0> = 000)
1.
IRCF bits are modified to an INTOSC/INTOSC
postscaler frequency.
2.
The clock switching circuitry waits for a falling
edge of the current clock, at which point CLKO
is held low.
3.
The clock switching circuitry then waits for eight
falling edges of requested clock, after which it
switches CLKO to this new clock source.
4.
The IOFS bit is clear to indicate that the clock is
unstable and a 4 ms delay is started. Time
dependent code should wait for IOFS to become
set.
5.
Switchover is complete.
• Clock before switch: One of INTOSC/INTOSC
postscaler (IRCF<2:0>
≠ 000)
1.
IRCF
bits
are
modified
to
INTRC
(IRCF<2:0> = 000).
2.
The clock switching circuitry waits for a falling
edge of the current clock, at which point CLKO
is held low.
3.
The clock switching circuitry then waits for eight
falling edges of requested clock, after which it
switches CLKO to this new clock source.
4.
Oscillator switchover is complete.
Secondary Oscillator
T1OSCEN
Enable
Oscillator
T1OSO
T1OSI
OSC1
OSC2
SLEEP
Primary Oscillator
LP, XT, HS, RC, EC
T1OSC
CPU
Peripherals
8 MHz
4 MHz
2 MHz
1 MHz
500 kHz
125 kHz
250 kHz
OSCCON<6:4>
111
110
101
100
011
010
001
000
31.25 kHz
31.25 kHz
Source
Internal
Oscillator
Block
WDT, FSCM
31.25 kHz
8 MHz
Internal Oscillator
(INTRC)
(INTOSC)
Config1(FOSC2:FOSC0)
SCS<1:0>(T1OSC)
To Timer1
Note:
Caution must be taken when modifying the
IRCF bits using BCF or BSF instructions. It
is possible to modify the IRCF bits to a fre-
quency that may be out of the VDD specifi-
cation range; for example, VDD = 2.0V and
IRCF = 111 (8 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com