Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F88-I/SS Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC16F88-I/SS
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/SS Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC16F88-I/SS Datasheet HTML 40Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 41Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 42Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 43Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 44Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 45Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 46Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 47Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 214 page
background image
PIC16F87/88
DS30487B-page 42
Preliminary
 2003 Microchip Technology Inc.
• Clock before switch: One of INTOSC/INTOSC
postscaler (IRCF<2:0>
≠ 000)
1.
IRCF bits are modified to a different INTOSC/
INTOSC postscaler frequency.
2.
The clock switching circuitry waits for a falling
edge of the current clock, at which point CLKO
is held low.
3.
The clock switching circuitry then waits for eight
falling edges of requested clock, after which it
switches CLKO to this new clock source.
4.
The IOFS bit is set.
5.
Oscillator switchover is complete.
4.6.6
OSCILLATOR DELAY UPON
POWER-UP, WAKE-UP AND
CLOCK SWITCHING
Table 4-3 shows the different delays invoked for vari-
ous clock switching sequences. It also shows the
delays invoked for POR and wake-up.
TABLE 4-3:
OSCILLATOR DELAY EXAMPLES
Switch From Switch To
Frequency
Oscillator Delay
Comments
SLEEP/POR
INTRC
T1OSC
INTOSC/
INTOSC
Postscaler
31.25 kHz
32.768 kHz
125kHz - 8MHz
5
µs - 10 µs (approx.)
CPU Start-up(1)
Following a wake-up from SLEEP mode or
POR, CPU start-up is invoked to allow the
CPU to become ready for code execution.
INTRC/SLEEP
EC, RC
DC - 20 MHz
INTRC
(31.25 kHz)
EC, RC
DC - 20 MHz
SLEEP
LP, XT, HS 32.768 kHz - 20 MHz
1024 Clock Cycles
(OST)
Following a change from INTRC, an OST
of 1024 cycles must occur.
INTRC
(31.25 kHz)
INTOSC/
INTOSC
Postscaler
125kHz - 8MHz
4ms
Refer to Section 4.6.4 “Modifying the
IRCF bits” for further details.
Note 1:
The 5
µs-10 µs start-up delay is based on a 1 MHz system clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com