Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F88-I/SS Datasheet(PDF) 45 Page - Microchip Technology

Part # PIC16F88-I/SS
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/SS Datasheet(HTML) 45 Page - Microchip Technology

Back Button PIC16F88-I/SS Datasheet HTML 41Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 42Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 43Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 44Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 45Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 46Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 47Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 48Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 214 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS30487B-page 43
PIC16F87/88
4.7
Power Managed Modes
4.7.1
RC_RUN MODE
When SCS bits are configured to run from the INTRC,
a clock transition is generated if the system clock is
not already using the INTRC. The event will clear the
OSTS bit, switch the system clock from the primary
system clock (if SCS<1:0> = 00) determined by the
value contained in the configuration bits, or from the
T1OSC (if SCS<1:0> = 01) to the INTRC clock option,
and shut down the primary system clock to conserve
power. Clock switching will not occur if the primary
system clock is already configured as INTRC.
If the system clock does not come from the INTRC
(31.25 kHz) when the SCS bits are changed, and the
IRCF bits in the OSCCON register are configured for a
frequency other than INTRC, the frequency may not be
stable immediately. The IOFS bit (OSCCON<2>) will
be set when the INTOSC or postscaler frequency is
stable, after approximately 4 ms.
After a clock switch has been executed, the OSTS bit
is cleared, indicating a low-power mode, and the
device does not run from the primary system clock.
The internal Q clocks are held in the Q1 state until
eight falling edge clocks are counted on the INTRC
oscillator. After the eight clock periods have tran-
spired, the clock input to the Q clocks is released and
operation resumes (see Figure 4-7).
FIGURE 4-7:
TIMING DIAGRAM FOR XT, HS, LP, EC AND EXTRC TO RC_RUN MODE
Q4
Q3
Q2
OSC1
SCS<1:0>
Program
PC + 1
PC
Note 1:
TINP =32
µs typical.
2:
TOSC = 50 ns minimum.
3:
TSCS =8 TINP.
4:
TDLY =1 TINP.
Q1
INTOSC
Q1
TSCS(3)
Counter
Q1
TDLY(4)
TINP(1)
System
Clock
TOSC(2)
Q3
Q2
Q4
Q1
Q2
PC + 2
PC + 3
Q3
Q4
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com