Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F88-I/SS Datasheet(PDF) 174 Page - Microchip Technology

Part # PIC16F88-I/SS
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/SS Datasheet(HTML) 174 Page - Microchip Technology

Back Button PIC16F88-I/SS Datasheet HTML 170Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 171Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 172Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 173Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 174Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 175Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 176Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 177Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 214 page
background image
PIC16F87/88
DS30487B-page 172
Preliminary
 2003 Microchip Technology Inc.
18.3
DC Characteristics: Internal RC Accuracy
PIC16F87/88 (Industrial)
PIC16LF87/88 (Industrial)
PIC16LF87/88
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC16F87/88
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
Param
No.
Device
Min
Typ
Max
Units
Conditions
INTOSC Accuracy @ Freq = 8 MHz, 4 MHz, 2 MHz, 1 MHz, 500 kHz, 250 kHz, 125 kHz(1)
PIC16LF87/88
-2
±1
2
%
25°C
VDD = 2.7-3.3V
-5
—
5
%
-10°C - +85°C
VDD = 2.7-3.3V
-10
—
10
%
-40°C - +85°C
VDD = 2.7-3.3V
PIC16F87/88
-2
±1
2
%
25°C
VDD = 4.5-5.5V
-5
—
5
%
-10°C - +85°C
VDD = 4.5-5.5V
-10
—
10
%
-40°C - +85°C
VDD = 4.5-5.5V
INTRC Accuracy @ Freq = 31 kHz(2)
PIC16LF87/88
26.562
—
35.938
kHz
-40°C - +85°C
VDD = 2.7-3.3V
PIC16F87/88
26.562
—
35.938
kHz
-40°C - +85°C
VDD = 4.5-5.5V
Legend:
Shading of rows is to assist in readability of the table.
Note
1:
Frequency calibrated at 25°C. OSCTUNE register can be used to compensate for temperature drift.
2:
INTRC frequency after calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com