Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST05250 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST05250
Description  250 W, 28/32 V, HF to 1 GHz, RF Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST05250 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST05250 Datasheet HTML 2Page - STMicroelectronics ST05250 Datasheet HTML 3Page - STMicroelectronics ST05250 Datasheet HTML 4Page - STMicroelectronics ST05250 Datasheet HTML 5Page - STMicroelectronics ST05250 Datasheet HTML 6Page - STMicroelectronics ST05250 Datasheet HTML 7Page - STMicroelectronics ST05250 Datasheet HTML 8Page - STMicroelectronics ST05250 Datasheet HTML 9Page - STMicroelectronics ST05250 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Figure 5. Power gain and drain efficiency versus output power (f=945 MHz)
GADG080320211228SA
17
16
15
14
13
12
11
10
50
40
30
20
10
0
0 25
75
125
175
225
275
POUT (dbm)
18
Figure 6. Capacitance vs drain voltage at 1 MHz
GADG080320211212SA
0
5
10
15
20
25
30
40
50
60
70
80
90
100
110
120
130
140
0
10
20
30
40
Drain‐source voltage (V)
Coss
Ciss
Crss
ST05250
Typical performance
DS12681 - Rev 4
page 6/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com