Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST05250 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST05250
Description  250 W, 28/32 V, HF to 1 GHz, RF Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST05250 Datasheet(HTML) 3 Page - STMicroelectronics

  ST05250 Datasheet HTML 1Page - STMicroelectronics ST05250 Datasheet HTML 2Page - STMicroelectronics ST05250 Datasheet HTML 3Page - STMicroelectronics ST05250 Datasheet HTML 4Page - STMicroelectronics ST05250 Datasheet HTML 5Page - STMicroelectronics ST05250 Datasheet HTML 6Page - STMicroelectronics ST05250 Datasheet HTML 7Page - STMicroelectronics ST05250 Datasheet HTML 8Page - STMicroelectronics ST05250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
2
Electrical characteristics
(TC = 25 °C unless otherwise specified).
Table 4. Static (per side)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 1 mA
90
V
IDSS
Zero-gate voltage drain current
VGS = 0 V, VDS = 28 V
1
nA
VGS = 0 V, VDS = 75 V
IGSS
Gate-body leakage current
VGS = -8/+10 V, VDS = 0 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = 28 V, ID = 650 µA
1
3
V
VDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 0.7 A
0.21
V
Ciss
Common source input capacitance
VGS= 0 V, VDD = 28 V, f = 1 MHz
123
pF
Coss
Common source output capacitance
2.5
Crss
Common source feedback capacitance
40
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
POUT
Output power
f = 945 MHz, 3dB compression
-
250
W
GPS
Power gain
-
13.5
dB
ƞD
Drain efficiency
-
52
%
VSWR
Load mismatch
At POUT = 250 W all phases
-
10:1
Note:
VDD = 28 V, IDQ = 500 mA, pulsed CW, pulse width = 20 μs, duty cycle = 10%.
ST05250
Electrical characteristics
DS12681 - Rev 4
page 3/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com