Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST05250 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST05250
Description  250 W, 28/32 V, HF to 1 GHz, RF Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST05250 Datasheet(HTML) 4 Page - STMicroelectronics

  ST05250 Datasheet HTML 1Page - STMicroelectronics ST05250 Datasheet HTML 2Page - STMicroelectronics ST05250 Datasheet HTML 3Page - STMicroelectronics ST05250 Datasheet HTML 4Page - STMicroelectronics ST05250 Datasheet HTML 5Page - STMicroelectronics ST05250 Datasheet HTML 6Page - STMicroelectronics ST05250 Datasheet HTML 7Page - STMicroelectronics ST05250 Datasheet HTML 8Page - STMicroelectronics ST05250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
3
Typical performances
Figure 1. P1dB and drain efficiency versus frequency (2 - 130MHz)
GADG080320211055SA
45
50
55
60
65
50
75
100
125
150
175
200
0
25
50
75
100
125
150
Frequency (MHz)
P1dB
ηD @ P1dB
Figure 2. P3dB and drain efficiency versus frequency (2 - 130 MHz)
GADG080320211102SA
55
60
65
70
100
125
150
175
200
225
250
0
25
50
75
100
125
150
Frequency (MHz)
P3dB
ηD @ P3dB
ST05250
Typical performance
DS12681 - Rev 4
page 4/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com