Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST05250 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST05250
Description  250 W, 28/32 V, HF to 1 GHz, RF Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST05250 Datasheet(HTML) 1 Page - STMicroelectronics

  ST05250 Datasheet HTML 1Page - STMicroelectronics ST05250 Datasheet HTML 2Page - STMicroelectronics ST05250 Datasheet HTML 3Page - STMicroelectronics ST05250 Datasheet HTML 4Page - STMicroelectronics ST05250 Datasheet HTML 5Page - STMicroelectronics ST05250 Datasheet HTML 6Page - STMicroelectronics ST05250 Datasheet HTML 7Page - STMicroelectronics ST05250 Datasheet HTML 8Page - STMicroelectronics ST05250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
B4E
1
2
3
5
4
Pin connection
Pin
Connection
1
Drain A
2
Drain B
3
Source (bottom side)
4
Gate B
5
Gate A
Features
Order code
Frequency
VDD
POUT
Gain
Efficiency
ST05250
945 MHz
28 V
250 W
13.5 dB
52 %
•
High efficiency and linear gain operations
•
Integrated ESD protection
•
Large positive and negative gate-source voltage range for improved class C
operation
•
In compliance with the european directive 2002/95/EC
Applications
•
2 – 30 MHz HF or short wave communication
•
30 – 88 MHz ground communication
•
118 – 140 MHz avionics
•
136 – 174 MHz commercial ground communication
•
30 – 512 MHz jammer, ground/air communication
•
HF – 1 GHz ISM - instrumentation
Description
The ST05250 is a 250 W, 28/32 V LDMOS FETs, designed for wideband
communication and ISM applications in the frequency range from HF to 1 GHz. It
can be used in class AB, B or C for all typical modulation formats.
Product status link
ST05250
Product summary
Order code
ST05250
Marking
ST05250
Package
B4E
Packing
Tape and reel 13"
Base / Bulk qty
120 / 120
250 W, 28/32 V, HF to 1 GHz, RF Power LDMOS transistor
ST05250
Datasheet
DS12681 - Rev 4 - March 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ST05250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST050-464 ETC-ST050-464 Datasheet
24Kb / 1P
Star Teck (ST) Series fittings for Teck and ACWU Cable
logo
Honeywell Solid State E...
ST050BG1SPGF HONEYWELL-ST050BG1SPGF Datasheet
220Kb / 4P
Amplified output whicheliminates the cost of external amplifiers
ST050PG1SPGF HONEYWELL-ST050PG1SPGF Datasheet
220Kb / 4P
Amplified output whicheliminates the cost of external amplifiers
ST050PG1SPGF HONEYWELL-ST050PG1SPGF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
ST050PG1SPGF HONEYWELL-ST050PG1SPGF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
More results

Similar Description - ST05250

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF3L05150CB4 STMICROELECTRONICS-RF3L05150CB4 Datasheet
1Mb / 16P
150 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
16-Mar-2021
PD55035STR1-E STMICROELECTRONICS-PD55035STR1-E Datasheet
332Kb / 18P
35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
08-Mar-2022
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
15-Apr-2021
RF3L05200CB4 STMICROELECTRONICS-RF3L05200CB4 Datasheet
1Mb / 12P
200 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
28-Sep-2021
RF3L05250CB4 STMICROELECTRONICS-RF3L05250CB4 Datasheet
490Kb / 12P
250 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
29-Sep-2021
RF3L05400CB4 STMICROELECTRONICS-RF3L05400CB4 Datasheet
1Mb / 12P
400 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
01-Oct-2021
RF4L10700CB4 STMICROELECTRONICS-RF4L10700CB4 Datasheet
525Kb / 11P
700 W, 40 V, HF to 1 GHz RF power LDMOS transistor
22-Sep-2021
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
SD56060 STMICROELECTRONICS-SD56060 Datasheet
242Kb / 13P
60 W, 28 V, HF to 1 GHz RF power LDMOS transistor
ST16010 STMICROELECTRONICS-ST16010 Datasheet
1Mb / 12P
10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
13-May-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com