Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9374LF Datasheet(PDF) 57 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 53Page - STMicroelectronics L9374LF Datasheet HTML 54Page - STMicroelectronics L9374LF Datasheet HTML 55Page - STMicroelectronics L9374LF Datasheet HTML 56Page - STMicroelectronics L9374LF Datasheet HTML 57Page - STMicroelectronics L9374LF Datasheet HTML 58Page - STMicroelectronics L9374LF Datasheet HTML 59Page - STMicroelectronics L9374LF Datasheet HTML 60Page - STMicroelectronics L9374LF Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
DocID025414 Rev 1
57/80
L9374LF
Programmers guide
79
5
Programmers guide
This programmers guide is a reference section intended to aid in the L9374LF interface
software development. The L9374LF uses SPI messaging for all of its communication into
or out of the device. The Command registers are written to and the Status registers are
read.
5.1
Command registers
The Command Registers are registers written to by the MASTER
C to actuate the
L9374LFs various functions. Each command consists of an address, data, and a parity bit
(refer to Chapter 4.1: SPI serial peripheral interface for more details).
5.1.1
Sync + Sync-trigger register (address 0)
For this section see Chapter 4.3: Synchronization controller for more details
Synchronization value:
This 6-bit-value represents a time value. At this time the new set points are processed.
Resolution of LSB: 250 μs
Reset value:
With this value the time base of the synchronization can be modified.
Resolution of LSB: 1 ms
The MSB of the RESET_VALUE (D9) affects the bit times for the Sync Trigger Window, the
Duration x, and the Duration y parameters.
Sync-trigger:
The synchronization is re-triggered by setting this bit to ‘1’. After a re-synchronization the
internal logic will clear this bit automatically.
If the SVDT is active and still running, it will be interrupted by setting the SYNC_TRIG bit
(See also Chapter 4.3 section on Synchronization controller programming).
MSB
LSB
0000
SYNC_
TRIG
RESET_VALUE
SYNC_VALUE
Parity
A3
A2
A1
A0
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
P
Table 40. Sync + Sync-trigger register
Sync + sync-trigger
Name
Bit Location
Number of
bits
bit time
Synchronization value
SYNC_VALUE
D0-D5
6
250
μs
Reset value (highest 4 Bits)
RESET_VALUE
D6-D9
4
1 ms
Sync-trigger
SYNC_TRIG
D10
1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com