Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9374LF Datasheet(PDF) 74 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 74 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 70Page - STMicroelectronics L9374LF Datasheet HTML 71Page - STMicroelectronics L9374LF Datasheet HTML 72Page - STMicroelectronics L9374LF Datasheet HTML 73Page - STMicroelectronics L9374LF Datasheet HTML 74Page - STMicroelectronics L9374LF Datasheet HTML 75Page - STMicroelectronics L9374LF Datasheet HTML 76Page - STMicroelectronics L9374LF Datasheet HTML 77Page - STMicroelectronics L9374LF Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
Register block functional overview
L9374LF
74/80
DocID025414 Rev 1
6
Register block functional overview
6.1
Input command register block overview (MOSI data)
Note:
without address-bits and parity
Table 74. Overview input register block
address
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
SYNC_REG
sync_
trig
RESET_VALUE
SYNC_VALUE
sync_
res_3
sync_
res_2
sync_
res_1
sync_
res_0
sync_
value_5
sync_
value_4
sync_
value_3
sync_
value_2
sync_
value_1
sync_
value_0
Power on
reset status
0
0
000000000
1
STW_V
free
STW_V_MAX
STW_V_MIN
STW_
max_4
STW_
max_3
STW_
max_2
STW_
max_1
STW_
max_0
STW_
min_4
STW_
min_3
STW_
min_2
STW_
min_1
STW_
min_0
Power on
reset status
0
0
000000000
2
CONFIG 1
free
free
EDGE_SH
FSON_
EN
FSOFF_ALL
CLKIN_S
SVDT
EDGE_SH
_OFF_1
EDGE_SH
_OFF_0
FSOFF_1 FSOFF_0
CLKIN_S_
1
CLKIN_S_
0
SVDT_1 SVDT_0
power on
reset status
0
0
010010101
3
FSON
free
free
free
free
free
free
free
Q4_ON Q3_ON Q2_ON Q1_ON
Power on
reset status
0
0
000000000
4
Duration
Q1/Q2
free
D_Q2
D_Q1
DQ2_4
DQ2_3
DQ2_2
DQ2_1
DQ2_0
DQ1_4
DQ1_3
DQ1_2
DQ1_1
DQ1_0
power on
reset status
0
0
000000000
5
Duration
Q3/Q4
free
D_Q4
D_Q3
DQ4_4
DQ4_3
DQ4_2
DQ4_1
DQ4_0
DQ3_4
DQ3_3
DQ3_2
DQ3_1
DQ3_0
power on
reset status
0
0
000000000
6
DUTY1_Q1
free
free
DUTY1_Q1
DU1Q1_8 DU1Q1_7 DU1Q1_6 DU1Q1_5 DU1Q1_4 DU1Q1_3 DU1Q1_2 DU1Q1_1 DU1Q1_0
Power on
reset status
0
0
000000000
7
DUTY2_Q1
free
free
DUTY2_Q1
DU2Q1_8 DU2Q1_7 DU2Q1_6 DU2Q1_5 DU2Q1_4 DU2Q1_3 DU2Q1_2 DU2Q1_1 DU2Q1_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com