Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA8089FGA Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA8089FGA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089FGA Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA8089FGA Datasheet HTML 18Page - STMicroelectronics STA8089FGA Datasheet HTML 19Page - STMicroelectronics STA8089FGA Datasheet HTML 20Page - STMicroelectronics STA8089FGA Datasheet HTML 21Page - STMicroelectronics STA8089FGA Datasheet HTML 22Page - STMicroelectronics STA8089FGA Datasheet HTML 23Page - STMicroelectronics STA8089FGA Datasheet HTML 24Page - STMicroelectronics STA8089FGA Datasheet HTML 25Page - STMicroelectronics STA8089FGA Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Electrical characteristics
STA8089FGA
22/33
DocID029680 Rev 2
4.7
DC characteristics
Table 13 specifies the LDO1 voltage regulator characteristics.
Table 14 specifies the LDO2 voltage regulator characteristics.
Table 15 specifies the low voltage detection thresholds.
Table 16 lists the DC characteristics for all the IO digital buffers except for the following input
buffers: STBYn (24), STDBY_OUT (23), WAKEUP (26) and RSTn (25).
Table 13. LDO1 DC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOL1
Output voltage (1.2V)
1.71 V ≤ VINL1 ≤ 1.89 V;
IOL1 ≤ 70 mA
1.1
1.20
1.32
V
IOL1
Output current
0
70
mA
Table 14. LDO2 DC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOL2
Output voltage
1.6 V ≤ VINL2 ≤ 4.3 V;
IOL2 ≤ 30 mA
1.08
1.20
1.32
V
IOL2
Output current
0
30
mA
Table 15. Low voltage detection thresholds
Parameter
Min.
Typ.
Max.
Unit
Input LVD always on
VR(1)
1. Not tested in production.
Upper voltage threshold
1.680
V
Lower voltage threshold
1.650
V
Output LVD always
on VR(1)
Upper voltage threshold
0.995
V
Lower voltage threshold
0.935
V
Output LVD main
VR(1)
Upper voltage threshold @ VOL1 = 1.2 V
1.142
V
Lower voltage threshold @ VOL1 = 1.2 V
1.076
V
Table 16. I/O buffers DC characteristics
Symbol
Parameter
Test
conditions
Min.
Typ.
Max.
Unit
VIL(1)
Logical input low level voltage
VDDIO = 1.8 V
-0.3
0.3 * VDDIO
V
VDDIO = 3.3V
-0.3
0.8
V
VIH(1)
Logical input high level
voltage
VDDIO = 1.8 V
0.7 * VDDIO
—VDDIO + 0.3
V
VDDIO = 3.3V
2.0
VDDIO + 0.3
V
VHYST(2) Schmitt-trigger hysteresis
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com