Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA8089FGA Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA8089FGA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089FGA Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA8089FGA Datasheet HTML 20Page - STMicroelectronics STA8089FGA Datasheet HTML 21Page - STMicroelectronics STA8089FGA Datasheet HTML 22Page - STMicroelectronics STA8089FGA Datasheet HTML 23Page - STMicroelectronics STA8089FGA Datasheet HTML 24Page - STMicroelectronics STA8089FGA Datasheet HTML 25Page - STMicroelectronics STA8089FGA Datasheet HTML 26Page - STMicroelectronics STA8089FGA Datasheet HTML 27Page - STMicroelectronics STA8089FGA Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Electrical characteristics
STA8089FGA
24/33
DocID029680 Rev 2
ATT
Alias frequency
rejection
F = 60 MHz
(fs = 65.474 MHz)
—30
dB
TgGPS
IF filter group delay
variation
GPS mode
200(1)
ns
TgGAL
Galileo mode
30(1)
ns
1. Not tested in production.
Table 19. RFCHAIN – GLONASS/BeiDou filter and VGA
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
S11(1)
1. Not tested in production.
Input return loss
GLONASS band
-10
dB
BeiDou band
-7
fIFGNS/BDU
IF frequency for
GLONASS
PLL in default condition
with 26 Mhz as
reference
8.519
MHz
IF frequency for BeiDou
10.277
NF
Noise figure
NF overall chain with
AGC set at 0 dB
—2(1)
dB
CG
Conversion gain from
RF input to ADC input
VGA at min gain
68
dB
VGA at max gain
118
dB
IP1dB
RF-IF-VGA input
compression point
VGA min
-80
dBm
IRR
Image rejection ratio
25
dB
BWGNS/BDU -3dB IF bandwidth
10
MHz
ATT
Alias frequency rejection
F = 53 MHz
(fs = 65.474 MHz)
—30
dB
TgGNS/BDU
IF filter group delay
variation
—20(1)
ns
Table 20. Synthesizer
Symbol
Parameter
Min.
Typ.
Max.
Unit
FTCXO_XTAL
Input frequency for xtal amplifier (1)
1. That amplifier can be used also as a TCXO input buffer
10
52
MHz
RDIV
Reference divider range
1
63
NDIV
Loop divider range
56
2047
FLO
LO operating frequency
3142.656
MHz
Table 18. RFACHAIN – GALGPS filter and VGA (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com