Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA8089FGA Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA8089FGA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089FGA Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA8089FGA Datasheet HTML 23Page - STMicroelectronics STA8089FGA Datasheet HTML 24Page - STMicroelectronics STA8089FGA Datasheet HTML 25Page - STMicroelectronics STA8089FGA Datasheet HTML 26Page - STMicroelectronics STA8089FGA Datasheet HTML 27Page - STMicroelectronics STA8089FGA Datasheet HTML 28Page - STMicroelectronics STA8089FGA Datasheet HTML 29Page - STMicroelectronics STA8089FGA Datasheet HTML 30Page - STMicroelectronics STA8089FGA Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
DocID029680 Rev 2
27/33
STA8089FGA
Electrical characteristics
32
Figure 4. SARADC connections
REFP
REFN
AIN0
AIN1
AIN7
VREF
D[9:0]
SARADC
ADC WRAPPER
VINL1
VDD12_MVR
APB
Bridge2
ADC_IN1
ADC_IN2
ADC_IN8
GND
Table 24. SARADC specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
VADCIN ADC_IN input range
VGND-0.3
VINL1+0.3
V
VADCCR Conversion range
VGND
—VREF
V
VREF
Voltage reference
1.35
1.4
1.45
V
CIN
Input capacitance(1)
1. Not tested in production.
5.5
7.0
8.5
pF
RIN
Input mux resistance (total
equivalent sampling resistance)(2)
2. Pad input capacitance included.
1.5
2.0
2.5
k
FCLK
Clock frequency
2.5
15
MHz
CLK
Clock duty cycle
45
50
55
%
TSUP
Start up time(1)(3)
3. From EN=1.
——
20
μs
TC
Conversion time
14
cycles
TS
Sampling time
3
cycles
INL
Performance
< +/- 2
LSB
DNL
< +/- 2
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com