Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB081C3 Datasheet(PDF) 50 Page - STMicroelectronics

Part # SPSB081C3
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C3 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button SPSB081C3 Datasheet HTML 46Page - STMicroelectronics SPSB081C3 Datasheet HTML 47Page - STMicroelectronics SPSB081C3 Datasheet HTML 48Page - STMicroelectronics SPSB081C3 Datasheet HTML 49Page - STMicroelectronics SPSB081C3 Datasheet HTML 50Page - STMicroelectronics SPSB081C3 Datasheet HTML 51Page - STMicroelectronics SPSB081C3 Datasheet HTML 52Page - STMicroelectronics SPSB081C3 Datasheet HTML 53Page - STMicroelectronics SPSB081C3 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 135 page
background image
<WD type 2>: 91H (open window. 10 ms, closed window: 5 ms)
<WD type 1> indicates the long open window (timeout) which is opened at the start of the watchdog. The binary
value of WT[5:0] times 5 ms indicates the typical value of the timeout time.
<WD type 2> describes the default timing of the window watchdog.
The binary value of CW[2:0] times 5 ms defines the typical closed window time (tCW) and OW[2:0] times 5 ms
defines the typical open window time (tOW). See figure below where tCW = TEFW and tOW = TLFW - TEFW
Figure 30. Window watchdog operation
The watchdog trigger bit location is defined by the <WD bit pos. X> registers.
Table 25. WD bit position
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WB1
WB0
<WD bit pos. X>
0
0
Register is not used
<WD bit pos. X>
0
1
WBA5
WBA4
WBA3
WBA2
WBA1
WBA0
<WD bit pos. 1>
0
1
0
0
0
0
0
1
<WD bit pos. 3>
0
1
1
1
1
1
1
1
Defines the register addresses of the WD trigger bits
<WD bit pos. X>
1
0
WBA5
WBA4
WBA3
WBA2
WBA1
WBA0
Defines the stop address of the address range (previous<WD bit pos. X> is
a WB = ‘01’). The consecutive <WD bitpos. X> has to be a WB = ‘11’
<WD bit pos. X>
1
1
0
WBP 4
WBP3
WBP2
WBP1
WBP0
<WD bit pos. 2>
1
1
0
0
0
0
0
0
<WD bit pos. 4>
1
1
0
0
0
0
0
0
Defines the binary bit position of the WD trigger bit within the
register
<WD bit pos 1>: 41H; watchdog trigger bit located at address 01H (CR1)
<WD bit pos 2>: C0H; watchdog trigger bit location is bit0.
<WD bit pos 3>: 7FH; watchdog trigger bit located at address 3FH (Config register)
<WD bit pos 4>: C0H; watchdog trigger bit location is bit0.
SPSB081
Address definition
DS14048 - Rev 1
page 50/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com