Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB081C3 Datasheet(PDF) 61 Page - STMicroelectronics

Part # SPSB081C3
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C3 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button SPSB081C3 Datasheet HTML 57Page - STMicroelectronics SPSB081C3 Datasheet HTML 58Page - STMicroelectronics SPSB081C3 Datasheet HTML 59Page - STMicroelectronics SPSB081C3 Datasheet HTML 60Page - STMicroelectronics SPSB081C3 Datasheet HTML 61Page - STMicroelectronics SPSB081C3 Datasheet HTML 62Page - STMicroelectronics SPSB081C3 Datasheet HTML 63Page - STMicroelectronics SPSB081C3 Datasheet HTML 64Page - STMicroelectronics SPSB081C3 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 135 page
background image
Table 36. Outputs OUT1–OUT4
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
rON OUT1,2,3,4_25
on-resistance to supply
VS = 13. 5 V, Tamb=+25°C
IOUT1,2,3,4= -60mA
7
9
Ω
D.001
rON OUT1,2,3,4_125
VS = 13.5 V, Tamb=+125°C
IOUT1,2,3,4 = -60mA
14
20
Ω
D.002
IQLH_stdby
switched-off output current
high side drivers of OUT1-4 (1)
VOUT = 0 V, standby mode
-5
µA
D.003
IQLH_stdby_act
VOUT = 0 V, active mode
-10
µA
D.004
1. Negative value: leakages internally sink from driver output pin to internal IC ground positive value: Leakage sourced from
internal driver output pin to external ground.
5.10
Power outputs switching times
Table 37. Power outputs switching times
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
td OFF H
Output delay time
high-side driver OFF
(OUT1,2,3,4) (delay
between CSN 50 % to
OUT at 20% of VS)
(figure 39)
VS= 13.5 V
V1= 5 V
Rload = 128 Ω
20
140
µs
D.005
td ON H
Output delay time
high-side driver ON
(OUT1,2,3,4) (delay
between CSN 50% to
OUT at 80% of VS)
(figure 39)
VS= 13.5 V
V1= 5 V
Rload = 128 Ω
10
60
µs
D.006
dVOUT/dt
Slew rate for drivers
OUT1…4
VS = 13.5 V(1)(2).
0.1
0.2
0.5
V/µs
D.007
fPWM1
PWM switching
frequency
VS /VSREG = 13.5 V; tested
by scan
125
Hz
D.008
fPWM2
PWM switching
frequency
VS /VSREG = 13.5 V; tested
by scan
-
250
-
Hz
D.009
DC
SPI configurable duty
cycle for OUT1…4
0.1% steps; tested by scan
0.1
100
%
D.010
1. Rload = 128 Ω at OUT1,2,3 ,4, in high on-resistance mode.
2. Slope dVOUT/dt is measured between 20% and 80% of the final output voltage value
SPSB081
Power outputs switching times
DS14048 - Rev 1
page 61/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com