Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB081C3 Datasheet(PDF) 68 Page - STMicroelectronics

Part # SPSB081C3
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C3 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button SPSB081C3 Datasheet HTML 64Page - STMicroelectronics SPSB081C3 Datasheet HTML 65Page - STMicroelectronics SPSB081C3 Datasheet HTML 66Page - STMicroelectronics SPSB081C3 Datasheet HTML 67Page - STMicroelectronics SPSB081C3 Datasheet HTML 68Page - STMicroelectronics SPSB081C3 Datasheet HTML 69Page - STMicroelectronics SPSB081C3 Datasheet HTML 70Page - STMicroelectronics SPSB081C3 Datasheet HTML 71Page - STMicroelectronics SPSB081C3 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 135 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VCANHrec-VCANLrec
Note:
CAN normal mode: tested in TRX normal state while the device is in active mode.
Table 45. CAN receiver input characteristics during CAN normal mode
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VTHdom
Differential receiver
threshold voltage
recessive to
dominant state
-12V≤VCANH≤12 V;
12 V≤VCANL≤12 V
0.5
0.9
V
E.036
Vdom_range
Differential dominant
input level voltage
range
-12 V ≤ VCANH ≤ 12
V;
-12 V ≤ VCANL ≤ 12 V
0.9
10
V
E.037
VTHrec
Differential receiver
threshold voltage
dominant to
recessive state
12 V ≤ VCANH ≤ 12 V;
-12 V ≤ VCANL ≤ 12 V
0.5
0.9
V
E.038
Vrec_range
Differential recessive
input level voltage
range
-12 V ≤ VCANH ≤ 12
V;
-12V ≤ VCANL ≤ 12 V
-5
0.5
V
E.039
Note:
CAN normal mode: tested in TRX normal state while the device is in active mode.
Table 46. CAN receiver input characteristics during CAN low power mode, biasing inactive
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VTHdomLP
sferential receiver
threshold voltage
recessive to dominant
state
12 V ≤ VCANH ≤
12 V;
-12 V ≤ VCANL ≤
12 V
0.4
1.15
V
E.040
Vdom_range_LP
Differential dominant
input level voltage
range
-12 V ≤ VCANH ≤
12 V;
-12 V ≤ VCANL ≤
12 V
1.15
10
V
E.041
VTHrecLP
Differential receiver
threshold voltage
dominant to recessive
state
12 V ≤ VCANH ≤
12 V;
-12 V ≤ VCANL ≤
12 V
0.4
1.15
V
E.042
Vrec_range_LP
Differential recessive
input level voltage
range
-12 V ≤ VCANH ≤
12 V;
-12 V ≤ VCANL ≤
12 V
-5
0.4
V
E.043
VCANHrecLP
CANH output voltage
in recessive state
-0.1
0.1
V
E.108
VCANLrecLP
CANL output voltage in
recessive state
-0.1
0.1
V
E.109
VDIFF,recOUTLP
Differential output
voltage in recessive
state:
VCANHrecLP-VCANLrecLP
-0.2
0.2
V
E.110
SPSB081
CAN FD transceiver
DS14048 - Rev 1
page 68/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com