Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB081C3 Datasheet(PDF) 93 Page - STMicroelectronics

Part # SPSB081C3
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C3 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button SPSB081C3 Datasheet HTML 89Page - STMicroelectronics SPSB081C3 Datasheet HTML 90Page - STMicroelectronics SPSB081C3 Datasheet HTML 91Page - STMicroelectronics SPSB081C3 Datasheet HTML 92Page - STMicroelectronics SPSB081C3 Datasheet HTML 93Page - STMicroelectronics SPSB081C3 Datasheet HTML 94Page - STMicroelectronics SPSB081C3 Datasheet HTML 95Page - STMicroelectronics SPSB081C3 Datasheet HTML 96Page - STMicroelectronics SPSB081C3 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 135 page
background image
7.4
Control registers
Table 71. Control register CR1 (0x01)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Access
0 (R)
0 (R/W)
0 (R)
1 (R/W)
0 (R)
0 (R/W)
0
(R)
0 (R/W)
1 (R/W)
0 (R/W)
Table 72. CR1 signals description
Bit
Name
Description
23
RES
reserved
22
RES
reserved
21
WU2_PU
Wake-up Input x (WUx): configuration of internal current source
0 = pull-down (default)
1 = pull-up
20
WU1_PU
19
RES
reserved
18
RES
reserved
17
WU2_EN
Wake-up Input x (WUx) enable
0 = WUx disabled
1 = WUx enabled (default)
Note:
For WU2 the setting is only valid if input is configured as wake-up input in Configuration Register (0x3F)
16
WU1_EN
15
RES
reserved
14
RES
reserved
13
RES
reserved
12
RES
reserved
11
WU2_FILT_1
WUx FILT_1, 0
0 0: Wake-up inputs monitored in static mode (filter time tWU_stat) (default)
0 1: Wake-up inputs monitored in cyclic mode with Timer2 (filter time: tWU_cyclic; blanking time 80% of timer
ON time(1)))
1 0: Wake-up inputs monitored in cyclic mode with Timer1 (filter time: tWU_cyclic; blanking time 80% of timer
ON time(1)))
1 1: Invalid setting; command is ignored, and SPI INV CMD is set
10
WU2_FILT_0
9
WU1_FILT_1
8
WU1_FILT_0
7
RES
reserved
6
CAN _REC_ONLY
CAN Receive only Mode
0 CAN Receive Only Mode disabled (default)
1 CAN Receive Only Mode enabled (CAN Trx must be activated, see CAN_ACT bit)
5
CAN_ACT
CAN Transceiver activation
0 = CAN Trx Low Power Mode (default)
SPSB081
Control registers
DS14048 - Rev 1
page 93/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com