Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ES25P40 Datasheet(PDF) 30 Page - Excel Semiconductor Inc.

Part # ES25P40
Description  4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES25P40 Datasheet(HTML) 30 Page - Excel Semiconductor Inc.

Back Button ES25P40 Datasheet HTML 26Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 27Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 28Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 29Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 30Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 31Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 32Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 33Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 34Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
ES I
ES I
30
Rev. 0D May 11 , 2006
ES25P40
Excel Semiconductor inc.
ADVANCED INFORMATION
AC CHARACTERISTICS
Symbol
Description
Min
Typ
Max
Unit
FSCK
SCK Clock Frequency READ instruction
D.C
40
MHz
FSCK
SCK Clock Frequency for Fast Read
and all other instructions except Read
instruction
D.C
75
MHz
tCRT
Clock Rise Time (Slew Rate)
0.1
V/ns
tCFT
Clock Fall Time (Slew Rate)
0.1
V/ns
tWH
SCK High Time
6
ns
tWL
SCK Low Time
6
ns
tCS
CS# High Time
100
ns
tCSS (Note 3)
CS# Setup Time
5
ns
tCSH (Note 3)
CS# Hold Time
5
ns
tHD (Note 3)
HOLD# Setup Time (relative to SCK)
5
ns
tCD (Note 3)
HOLD# Hold Time (relative to SCK)
5
ns
tHC
HOLD# Setup Time (relative to SCK)
5
ns
tCH
HOLD# Hold Time (relative to SCK)
5
ns
tV
Output Valid
6ns
tHO
Output Hold Time
0
ns
tHD:DAT
Data in Hold Time
3
ns
tSU:DAT
Data in Setup Time
3
ns
tR
Input Rise Time
5
ns
tF
Input Fall Time
5
ns
tLZ (Note 3)
HOLD# to Output Low Z
6
ns
tHZ (Note 3)
HOLD# to Output High Z
6
ns
tDIS (Note 3)
Output Disable Time
8
ns
tWPS (Note 3)
Write Protect Setup Time
15
ns
tWPH (Note 3)
Write Protect Hold Time
15
ns
tRES
Release DP Mode
3
us
tDP
CS# High to Deep Power Down Mode
3
us
tW
Write Status Register Time
5
ms
tPP
Page Programming Time
1.5 (Note 1)
3 (Note 2)
ms
tSE
Sector Erase Time
0.5 (Note 1)
3 (Note 2)
sec
tBE
Bulk Erase Time
6 (Note 1)
12 (Note 2)
sec
tPE
Parameter Page Erase Time
20
(Note 1)
100 (Note 2)
ms
Notes:
1. Typical program and erase times assume the following conditions : 25’C, Vcc = 3.0V ; 10,000 cycles ; checkerboard data pattern
2. Under worst-case conditions of 90’C ; Vcc = 2.7V ; 100,000 cycles.
3. Not 100% tested.
Table 8. AC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com