| Electronic Components Datasheet Search |
|
ES25P40 Datasheet(PDF) 14 Page - Excel Semiconductor Inc. |
|
|
|||||||||||||||||||||||||||||
ES25P40 Datasheet(HTML) 14 Page - Excel Semiconductor Inc. |
|
14 / 35 page ![]() ES I ES I 14 Rev. 0D May 11 , 2006 ES25P40 Excel Semiconductor inc. ADVANCED INFORMATION The protection features of the device are summa- rized in Table 4. When the Status Register Write Disable (SRWD) bit of the Status Register is 0 (its initial delivery state), it is possible to write to the Status Register provided that the Write Enable Latch (WEL) bit has previ- ously been set by a Write Enable (WREN) instruc- tion, regardless of the whether Write Protect (W#) is driven High or Low. When the Status Register Write Disable (SRWD) bit of the Status Register is set to 1, two cases need to be considered, depending on the state of Write Pro- tect (W#). 1) If Write Protect (W#) is driven High, it is possible to write to the Status Register provided that the Write Enable Latch (WEL) bit has previously been set by a Write Enable (WREN) instruction. 2) If Write Protect (W#) is driven Low, it is not possi- ble to write to the Status Register even if the Write Enable Latch (WEL) bit has previously been set by a Write Enable (WREN) instruction. (Attempts to write to the Status Register are rejected, and are not accepted for execution). As a consequence, all the data bytes in the memory area that are software protected (SPM) by the Block Protect (BP2, BP1, BP0) bits of the Status Register, are also hardware protected against data modification. Regardless of the order of the two events, the Hardware Protected Mode (HPM) can be entered : 1) by setting the Status Register Write Disable (SRWD) bit after driving Write Protect (W#) Low 2) or by driving Write Protect (W#) Low after setting the Status Register Write Disable (SRWD) bit. The only way to exit the Hardware Protected Mode (HPM) once entered is to pull Write Protect (W#) High. If Write Protect (W#) is permanently tied High, the Hardware Protected Mode (HPM) can never be activated, and only the Software Protected Mode (SPM), using the Block Protect (BP2, BP1, BP0) bits of the Status Register, can be used. Table 4. Protection Modes W# Signal SRWD Bit Mode Write Protection of the Sta- tus Register Protected Area (See Note) Unprotected Area (See Note) 11 Software Protected (SPM) Status Register is Writable (if the WREN instruction has set the WEL bit). The values in the SRWD, BP2, BP1 and BP0 bits can be changed. Protected against Page Program and Erase(SE, BE,PE) Ready to accept Page Program and Sector Erase Instructions 10 00 01 Hardware Protected (HPM) Status Register is Hardware write protected. The values in the SRWD, BP2, BP1 and BP0 bits can- not be changed Protected against Page Program and Erase (SE,BE,PE) Ready to accept Page Program and Sector Erase Instructions Note: 1. As defined by the values in the Block Protected (BP2, BP1, BP0) bits of the Status Register, as shown in Table 1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |