| Electronic Components Datasheet Search |
|
ES25P40 Datasheet(PDF) 20 Page - Excel Semiconductor Inc. |
|
|
|||||||||||||||||||||||||||||
ES25P40 Datasheet(HTML) 20 Page - Excel Semiconductor Inc. |
|
20 / 35 page ![]() ES I ES I 20 Rev. 0D May 11 , 2006 ES25P40 Excel Semiconductor inc. ADVANCED INFORMATION 1 1 0 0 0 1 1 1 0 1 2 3 4 5 6 7 Figure 15. Bulk Erase ( BE ) Instruction Sequence SCK CS# SI Instruction Bulk Erase (BE) The Bulk Erase (BE) instruction sets to 1(FFh) all bits inside the entire memory. Before it can be accepted, a Write Enable (WREN) instruction must previously have been executed. After the Write Enable (WREN) instruction has been decoded, the device sets the Write Enable Latch (WEL). The Bulk Erase (BE) instruction is entered by driving Chip Select (CS#) Low, followed by the instruction code, Serial Data Input (SI). No address is required for the Bulk Erase (BE). Chip Select (CS#) must be driven Low for the entire duration of the sequence. The instruction sequence is shown in Figure 15. As soon as Chip Select (CS#) is driven High, the self-timed Bulk Erase cycle (whose duration is tBE) is initiated. While the Bulk Erase cycle is in progress, the Status Register may be read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self- timed Bulk Erase cycle, and is 0 when it is com- pleted. At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset. A Bulk Erase (BE) instruction is executed only if all the Block Protect (BP2, BP1, BP0) bits (see Table 1) are set to 0. The Bulk Erase (BE) instruction is ignored if one or more sectors are protected. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |