Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ES25P40 Datasheet(PDF) 17 Page - Excel Semiconductor Inc.

Part # ES25P40
Description  4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES25P40 Datasheet(HTML) 17 Page - Excel Semiconductor Inc.

Back Button ES25P40 Datasheet HTML 13Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 14Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 15Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 16Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 17Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 18Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 19Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 20Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 21Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
ES I
ES I
17
Rev. 0D May 11 , 2006
ES25P40
Excel Semiconductor inc.
ADVANCED INFORMATION
1
0
0
1
1
1
1
1
0
1
2
3
4
5
6
7
8
9
10
11
12 13 14
15 16
17 18
28
29
30
31
Figure 11. Read Identification (RDID) Instruction Sequence and Data-Out Sequence
SCK
CS#
SI
SO
Device Identification
MSB
Instruction
Manufacturer Identification
15
14
13
1
0
2
High Impedance
Read Manufacturer ID & Device ID
(RDMD)
The Read Manufacturer ID & Device ID (RDMD)
instruction is an alternative to the Release from
Power-down/Device ID instruction that provides both
the JEDEC assigned manufacturer ID and the spe-
cific device ID.
The Read Manufacturer ID & Device ID (RDMD)
instruction is very similar to the Release from Power-
down/Device ID instruction.
The instruction is initiated by driving the CS# pin low
and shift the instruction code “90h” followed by three
dummy bytes. After which, the Manufacturer ID for
ESI (4Ah) and the Device ID (12h) are shifted out on
the falling edge SCLK with most significant bit (MSB)
first as shown in Figure 12. The Manufacturer and
Device IDs can be read continuously, alternating
from one to the other. The instruction is completed
by driving CS# pin.
1
0
0
1
0
0
0
0
Figure 12. Read Manufacturer ID & Device ID (RDMD) Instruction Sequence and
Data-Out Sequence
SI
0
1
2
3
4
5
6
7
8
9
10
28
29
30
31 32
33
34 35
36
37 38
39
SCK
CS#
SO
Manufacturer ID
MSB
MSB
7
Instruction
High Impedance
3 Dummy bytes
Device ID
23
22
21
2
1
0
3
2
1
0
3
6
5
4
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com