Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S32K311NHT0MPAST Datasheet(PDF) 26 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 22Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 23Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 24Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 25Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 26Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 27Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 28Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 29Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 137 page
background image
6.4 Power management system - S32K388
SMPS
Flash
memory
LPCMP_n
FXOSC
SIRC
FIRC
SXOSC
Registers
- Standby domain
- Standby domain (optional)
- On during FPM (Run mode) only
PLLDIG0
MC_RGM
WKPU
MC_PCU
PIT_0
(RTI)
SOG
(Run)
SRAM
64 kB
RTC
DCM
PLLDIG1
TempSense
SOG
(Standby)
LPM
PMC
LPM (V15)
V11_STANDBY
V25
V11_RUN
V11_STANDBY
(Triple bond)
Last Mile Regulator
External NFET
FPM
SW*
SW*
optional
VIN
SARADC_n
Pads
GPIO
VDD_HV_A
VSS
Pads
GPIO
VDD_HV_B
VSS
(Triple bond)
6.5 Power mode transition operating behaviors
6.5.1 Power mode transition operating behavior
The values in the table below are provided for reference only.
Table 6. Power mode transition operating behavior
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tMODE_
STDBYENTRY
RUN --> STANDBY
transition time
955
ns
tMODE_
STDBYEXIT_FAST
STANDBY --> RUN
transition time, fast
standby exit
53
us
FIRC ON @48MHz in
Standby mode
Table continues on the next page...
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
26 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com