Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S32K311NHT0MPAST Datasheet(PDF) 29 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 25Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 26Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 27Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 28Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 29Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 30Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 31Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 32Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 137 page
background image
Table 9. HSE firmware memory verification time examples (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tGMAC_1024KB
Memory verification
of 1024 KB of
application firmware,
using AES-128
GMAC cipher.
—
46.8
—
ms
FIRC 48MHz
—
tHMAC_64KB
Memory verification
of 64 KB of
application firmware,
using AES-128
HMAC cipher.
—
1.74
—
ms
FIRC 48MHz
—
tHMAC_1024KB
Memory verification
of 1024 KB of
application firmware,
using AES-128
HMAC cipher.
—
22.87
—
ms
FIRC 48MHz
—
tRSA_64KB
Memory verification
of 64 KB of
application firmware,
using RSA 2048
cipher.
—
30.47
—
ms
FIRC 48MHz
—
tRSA_1024KB
Memory verification
of 1024 KB of
application firmware,
using RSA 2048
cipher.
—
51.6
—
ms
FIRC 48MHz
—
tECDSA_64KB
Memory verification
of 64 KB of
application firmware,
using ECDSA 521
bits cipher.
—
38.45
—
ms
FIRC 48MHz
—
tECDSA_1024KB
Memory verification
of 1024 KB of
application firmware,
using ECDSA 521
bits cipher.
—
59.56
—
ms
FIRC 48MHz
—
tSHA2_256_64KB
Memory verification
of 64 KB of
application firmware,
using SHA2 256 bits
bits cipher.
—
1.62
—
ms
FIRC 48MHz
—
tSHA2_256_
1024KB
Memory verification
of 1024 KB of
application firmware,
—
22.73
—
ms
FIRC 48MHz
—
Table continues on the next page...
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
29 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com