Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S32K311NHT0MPAST Datasheet(PDF) 1 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 1 Page - NXP Semiconductors

  S32K311NHT0MPAST Datasheet HTML 1Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 2Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 3Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 4Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 5Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 6Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 7Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 8Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 137 page
background image
• Operating characteristics
— Voltage range: 2.97 V to 5.5 V
— Ambient temperature range: -40 °C to 125 °C for all
power modes
• Arm™ Cortex-M7 core, 32-bit CPU
— M7 supports up to 300 MHz frequency with 2.14
DMIPS / MHz
— Arm Core based on the Armv7 and Thumb®-2 ISA
— Integrated Digital Signal Processor (DSP)
— Configurable Nested Vectored Interrupt Controller
(NVIC)
— Single Precision Floating Point Unit (FPU)
• Clock interfaces
— 8 - 40 MHz Fast External Oscillator (FXOSC)
— 48 MHz Fast Internal RC oscillator (FIRC)
— 32 kHz Low Power Oscillator (SIRC)
— 32 kHz Slow External Oscillator (SXOSC)
— System Phased Lock Loop (SPLL)
• I/O and package
— LQFP48, MAXQFP100, MAXQFP172,
MAPBGA257, MAPBGA289, MaxQFP172 with
Exposed pad (EP) package options
• Up to 32-channel DMA with up to 128 request sources
using DMAMUX
• Memory and memory interfaces
— Up to 8 MB program flash memory with ECC
— Up to 128 K of flexible program or data flash
memory
— Up to 512 KB SRAM with ECC, includes 192 KB of
TCM RAM ensuring maximum CPU performance of
fast control loops with minimal latency
— Data and instruction cache for each core to
minimize performance impact of memory access
latencies
— QuadSPI support
• Mixed-signal analog
— Up to three 12-bit Analog-to-Digital Converters
(ADC) with up to 24 channel analog inputs per
module
— One Temperature Sensor (TempSense)
— Up to three Analog Comparators (CMP), with each
comparator having an internal 8-bit DAC
• Human-Machine Interface (HMI)
— Up to 235 GPIO pins
— Non-Maskable Interrupt (NMI)
— Up to 60 pins with wakeup capability
— Up to 32 pins with interrupt support
S32K3XX
S32K3xx Data Sheet
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342.
Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348,
S32K358 and S32K388
Rev. 5.2 — 10/2022
Data Sheet: Technical Data
NXP reserves the right to change the detail specifications as may be required to
permit improvements in the design of its products.


Similar Part No. - S32K311NHT0MPAST

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S32K311NHT0MPAST NXP-S32K311NHT0MPAST Datasheet
1Mb / 141P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 6 - 11/2022
S32K311NHT0MPAST NXP-S32K311NHT0MPAST Datasheet
1Mb / 146P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 7 - 04/2023
S32K311NHT0MPAST NXP-S32K311NHT0MPAST Datasheet
1Mb / 136P
Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 8 - 06/2023
S32K311NHT0MPAST NXP-S32K311NHT0MPAST Datasheet
1Mb / 143P
Automotive General Purpose MCUs
Rev. 9.1 - 03/2024
S32K311NHT0MPAST NXP-S32K311NHT0MPAST Datasheet
1Mb / 152P
Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K358 and S32K388. Data is preliminary for S32K389
Rev. 10 - 07/2024
More results

Similar Description - S32K311NHT0MPAST

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA-320FL AXIOMTEK-NA-320FL Datasheet
259Kb / 1P
Supports fanless and noiseless operation
logo
IXYS Corporation
MUBW30-12A6K IXYS-MUBW30-12A6K Datasheet
272Kb / 5P
Preliminary data
logo
Axiomtek Co., Ltd.
EBOX660-872-FL AXIOMTEK-EBOX660-872-FL_16 Datasheet
334Kb / 1P
Supports VGA and DisplayPort for dual display
EBOX660-872-FL-DH AXIOMTEK-EBOX660-872-FL-DH Datasheet
340Kb / 1P
Supports VGA and DisplayPort for dual display
logo
AVAGO TECHNOLOGIES LIMI...
SAS-9305 AVAGO-SAS-9305 Datasheet
698Kb / 2P
Supports SSDs and HDDs and tapedrives
logo
NXP Semiconductors
S32K3XX NXP-S32K3XX_V01 Datasheet
1Mb / 141P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 6 - 11/2022
MC56F80XXX NXP-MC56F80XXX_V01 Datasheet
1Mb / 71P
Supports MC56F807xx and MC56F806xx
Rev. 2.1, 02/2023
S32K3XX NXP-S32K3XX_V02 Datasheet
1Mb / 146P
Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 7 - 04/2023
S32K3XX NXP-S32K3XX_V03 Datasheet
1Mb / 136P
Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
Rev. 8 - 06/2023
S32M2XX NXP-S32M2XX Datasheet
2Mb / 135P
Supports S32M24x and S32M27x
Rev. 3 - 10/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com