Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI3DPX1203 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PI3DPX1203
Description  DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1203 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PI3DPX1203 Datasheet HTML 4Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 5Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 6Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 7Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 8Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 9Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 10Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 11Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
PI3DPX1203
A product Line of
Diodes Incorporated
8 of 43
www.diodes.com
February 2021
© Diodes Incorporated
PI3DPX1203
Document number DS40598 Rev 2-2
4.2.3 Power-down Mode
Power-down mode can be controlled by the pin-strapping or I2C programming. When Cable Present Detection pin
PRSNT# is set to HIGH, it enters into the power-down mode. Input and Output termination resistors set to 200 kΩ and 2
kΩ pull-up respectively.
PRSNT# Description
Input Termination
Resistor
Output Termination Resistor
H
Power-down mode. PRSNT# is internally pull-up
100 k
Ω.
200 k
Ω pull-up
2 k
Ω pull-up
L
Active Low for normal operation
50
Ω pull-up
50
Ω pull-up
4.2.4 Output -1 dB Compression Setting
Swing Control 2 bits SW[1:0] can control the linearity of the output voltage, when input amplitude changes.
SW1
SW0
mVppd @ 8 Gbps
0
0
700
0
1
800
1
0
900
1
1
1000
4.2.5 Flat Gain Setting
Flat Gain Control 2 bits FG[1:0] are the selection bits for the DC value.
FG1
FG0
Gain
0
0
-4 dB
0
1
-2 dB
1
0
+0 dB
1
1
+2 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com