Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI3DPX1203 Datasheet(PDF) 34 Page - Diodes Incorporated

Part # PI3DPX1203
Description  DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1203 Datasheet(HTML) 34 Page - Diodes Incorporated

Back Button PI3DPX1203 Datasheet HTML 30Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 31Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 32Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 33Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 34Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 35Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 36Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 37Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 38Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
PI3DPX1203
A product Line of
Diodes Incorporated
34 of 43
www.diodes.com
February 2021
© Diodes Incorporated
PI3DPX1203
Document number DS40598 Rev 2-2
7.4 DP 1.4 CTS Test Report
Internal DisplayPort test setup is shown below for the reference.
Figure 7-11 Displayport test set-up
Below is application-side trace card insertion loss information.
DP FR4 trace
0 in
6 in
12 in
18 in
24 in
30 in
36 in
Insertion loss @
8.1Gbps
-8.15 dB
-11.52 dB
-14.88 dB
-17.60 dB
-19.94 dB
-22.92 dB
-28.62 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com