Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI3DPX1203 Datasheet(PDF) 23 Page - Diodes Incorporated

Part # PI3DPX1203
Description  DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1203 Datasheet(HTML) 23 Page - Diodes Incorporated

Back Button PI3DPX1203 Datasheet HTML 19Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 20Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 21Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 22Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 23Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 24Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 25Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 26Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 27Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
PI3DPX1203
A product Line of
Diodes Incorporated
23 of 43
www.diodes.com
February 2021
© Diodes Incorporated
PI3DPX1203
Document number DS40598 Rev 2-2
6.7 IDD with different mode settings at VDD = 3.3V [Informative]
Test Conditions
IDD (mA)
Control Setting
Gain (dB)
Swing(mV)
-40C
25C
90C
FG/SW=0000
-3.5
700
199
216
226
FG/SW=0001
-3.5
800
217
233
243
FG/SW=0010
-3.5
900
234
250
260
FG/SW=0011
-3.5
1000
251
267
276
FG/SW=0100
-2.5
700
199
215
225
FG/SW=0101
-2.5
800
217
232
242
FG/SW=0110
-2.5
900
234
249
259
FG/SW=0111
-2.5
1000
251
266
276
FG/SW=1000
+0.5
700
199
215
224
FG/SW=1001
+0.5
800
216
232
241
FG/SW=1010
+0.5
900
233
249
258
FG/SW=1011
+0.5
1000
250
265
274
FG/SW=1100
+2.5
700
198
214
223
FG/SW=1101
+2.5
800
215
231
240
FG/SW=1110
+2.5
900
232
247
256
FG/SW=1111
+2.5
1000
249
264
273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com