Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI3DPX1203 Datasheet(PDF) 24 Page - Diodes Incorporated

Part # PI3DPX1203
Description  DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1203 Datasheet(HTML) 24 Page - Diodes Incorporated

Back Button PI3DPX1203 Datasheet HTML 20Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 21Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 22Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 23Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 24Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 25Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 26Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 27Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 28Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
PI3DPX1203
A product Line of
Diodes Incorporated
24 of 43
www.diodes.com
February 2021
© Diodes Incorporated
PI3DPX1203
Document number DS40598 Rev 2-2
7. Application/Implementation
7.1 Reference Schematic
•
Determine the loss profile between a transmitter and a receiver.
•
Based upon the loss profile and signal swing, determine the optimal equalization settings.
•
Select appropriate voltage output swing.
•
If required, select the correct differential pair polarity.
•
To set voltage logic levels on configuration pins, use a 5-kΩ pullup for high level, tie pin to GND for low level,and place a 5-kΩ
pullup and 5-kΩ pulldown for HiZ.
AUX+
AUX-
CEC
HPD
CAB_DET
SDA_CTL
SCL_CTL
HPD
AUX+
AUX-
CAB_DET
CEC
+3V3
+3V3
+3V3
+3V3
+3V3
(internal 100kohm pull-up)
This block is to filter 0.5ms to 1.0ms HPD_IRQ low pulse
in MST mode of a DP monitor.
MCU
I2C ADDRESS
FE
AD[3:0]
1 1 1 1
I2C MODE
100K
100K
BSS138
BSS138
0.1u
0.1u
1M
1M
0.1u
0.1u
100K
100K
0.47u
0.47u
0.1u
0.1u
ML_Lane 3 (n)
ML_Lane 3 (p)
ML_Lane2 (n)
ML_Lane 2 (p)
ML_Lane 1 (n)
ML_Lane 1 (p)
ML_Lane 0 (n)
ML_Lane 0 (p)
CEC
CAB_DET
AUX_CH (p)
AUX_CH (n)
HPD
0.1u
0.1u
1M
1M
0.1u
0.1u
4.7u
4.7u
0.1u
0.1u
0.1u
0.1u
DP Receptacle
DP Receptacle
ML_Lane 0 (p)
1
GND
2
ML_Lane 0 (n)
3
ML_Lane 1 (p)
4
GND
5
ML_Lane 1 (n)
6
ML_Lane 2 (p)
7
GND
8
ML_Lane 2 (n)
9
ML_Lane 3 (p)
10
GND
11
ML_Lane 3 (n)
12
CEC
14
CAB_DET
13
AUX_CH (p)
15
DP_PWR_RTN
19
AUX_CH (n)
17
HPD
18
GND
16
SHIELD
21
SHIELD
22
SHIELD
23
SHIELD
24
0.1u
0.1u
0.1u
0.1u
0.1u
0.1u
100K
100K
0.1u
0.1u
0.1u
0.1u
0.1u
0.1u
0.1u
0.1u
0.1u
0.1u
0.1u
0.1u
0.1u
0.1u
PI3DPX1203ZHE
PI3DPX1203ZHE
SW1
1
SW0
2
IN0P
4
IN0N
5
IN1P
7
IN1N
8
IN2P
10
IN2N
11
IN3P
13
IN3N
14
NC
16
NC
17
SDA
18
SCL
19
I2C_DONE
22
NC
23
OUT3N
25
OUT3P
26
OUT2N
28
OUT2P
29
OUT1N
31
OUT1P
32
OUT0N
34
OUT0P
35
FG0
37
FG1/I2C_RESET#
38
EQ0/AD0
39
EQ1/AD1
40
EQ2/AD2
41
EQ3/AD3
42
4K7
4K7
0.1u
0.1u
0.1u
0.1u
0.1u
0.1u
0.1u
0.1u
0.1u
0.1u
NP
NP
0.1u
0.1u
4K7
4K7
4K7
4K7
0.1u
0.1u
0.1u
0.1u



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com