Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X752 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PI7C9X752
Description  High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X752 Datasheet(HTML) 4 Page - Diodes Incorporated

  PI7C9X752 Datasheet HTML 1Page - Diodes Incorporated PI7C9X752 Datasheet HTML 2Page - Diodes Incorporated PI7C9X752 Datasheet HTML 3Page - Diodes Incorporated PI7C9X752 Datasheet HTML 4Page - Diodes Incorporated PI7C9X752 Datasheet HTML 5Page - Diodes Incorporated PI7C9X752 Datasheet HTML 6Page - Diodes Incorporated PI7C9X752 Datasheet HTML 7Page - Diodes Incorporated PI7C9X752 Datasheet HTML 8Page - Diodes Incorporated PI7C9X752 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
4
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X752
Document Number DS40312 Rev 3-2
A product Line of
Diodes Incorporated
PI7C9X752
Pin Description
Pin Name 48-TQFP Pin #
Type
Description
Data Bus Interface
A2
A1
A0
26
27
28
I
Address data lines [2:0]. These 3 address lines select one of the internal registers in
UART channel A/B during a data bus transaction.
D7
D6
D5
D4
D3
D2
D1
D0
3
2
1
48
47
46
45
44
I/O
Data bus lines [7:0] (bidirectional).
IOR# (NC)
19
I
When 16/68# pin is HIGH, the Intel bus interface is selected and this input be-
comes read strobe (active low). The falling edge instigates an internal read cycle
and retrieves the data byte from an internal register pointed by the address lines
[A2:A0], puts the data byte on the data bus to allow the host processor to read it on
the rising edge.
When 16/68# pin is LOW, the Motorola bus interface is selected and this input is
not used.
IOW# (R/W#) 15
I
When 16/68# pin is HIGH, it selects Intel bus interface and this input becomes
write strobe (active low). The falling edge instigates the internal write cycle and the
rising edge transfers the data byte on the data bus to an internal register pointed by
the address lines.
When 16/68# pin is LOW, the Motorola bus interface is selected and this input
becomes read (HIGH) and write (LOW) signal.
CSA#(CS#)
10
I
When 16/68# pin is HIGH, this input is chip select A (active low) to enable channel
A in the device.
When 16/68# pin is LOW, this input becomes the chip select (active low) for the
Motorola bus interface.
CSB#(A3)
11
I
When 16/68# pin is HIGH, this input is chip select B (active low) to enable channel
B in the device.
When 16/68# pin is LOW, this input becomes address line A3 which is used for
channel selection in the Motorola bus interface. Input logic 0 selects channel A
and logic 1 selects channel B.
INTA (IRQ#) 30
O
When 16/68# pin is HIGH for Intel bus interface, this output becomes channel
A interrupt output. The output state is defined by the user through the software
setting of MCR[3]. INTA is set to the active mode and OP2A# output LOW when
MCR[3] is set to a logic 1. INTA is set to the three state mode and OP2A# to HIGH
when MCR[3] is set to a logic 0. See MCR[3].
When 16/68# pin is LOW for Motorola bus interface, this output becomes device
interrupt output (active low, open drain). An external pull-up resistor is required
for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com