Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X752 Datasheet(PDF) 29 Page - Diodes Incorporated

Part # PI7C9X752
Description  High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X752 Datasheet(HTML) 29 Page - Diodes Incorporated

Back Button PI7C9X752 Datasheet HTML 25Page - Diodes Incorporated PI7C9X752 Datasheet HTML 26Page - Diodes Incorporated PI7C9X752 Datasheet HTML 27Page - Diodes Incorporated PI7C9X752 Datasheet HTML 28Page - Diodes Incorporated PI7C9X752 Datasheet HTML 29Page - Diodes Incorporated PI7C9X752 Datasheet HTML 30Page - Diodes Incorporated PI7C9X752 Datasheet HTML 31Page - Diodes Incorporated PI7C9X752 Datasheet HTML 32Page - Diodes Incorporated PI7C9X752 Datasheet HTML 33Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
29
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X752
Document Number DS40312 Rev 3-2
A product Line of
Diodes Incorporated
PI7C9X752
4
RO
Receiver Break Error Flag
0 = No Break Error
1 = break condition occurred in data to be read from RX FIFO(RX was LOW for at least one character
frame time).
3
RO
Receiver Data Framing Error Flag
0 = No Data Framing Error
1 = framing error occurred in data to be read from RX FIFO(The receive character did not have a
valid stop bits).
2
RO
Receiver Data Parity Error Flag
0 = No Data Parity Error
1 = parity error in data to be read from RX FIFO
1
RO
Receiver Overrun Error
0 = No Overrun Error
1 = additional data received while the RX FIFO is full. This data should not be transferred into FIFO.
0
RO
Receiver Data Ready Indicator
0 = No data in received in RX FIFO
1 = Data has been received and saved in the RX FIFO
Offset 06H(default=x0H)--- Modem Status Register (MSR). Accessible when LCR[7]=0 and MCR[6]=0.
Bit
Type
Description
7
RO
CD input status
Normally this bit is the complement of the CD# input.
In the loopback mode this bit is equivalent to MCR[3]
6
RO
RI input status
Normally this bit is the complement of the RI# input.
In the loopback mode this bit is equivalent to MCR[2]
5
RO
DSR input status
Normally this bit is the complement of the DSR# input.
In the loopback mode this bit is equivalent to MCR[0]
4
RO
CTS input status
Normally this bit is the complement of the CTS# input.
In the loopback mode this bit is equivalent to MCR[1]
3
RO
Delta CD# input flag
0 = No change on CD# input
1 = The CD# input has changed state. A modem status interrupt will be generated if MSR interrupt is
enabled.
2
RO
Delta RI# input flag
0 = No change on RI# input
1 = The RI# input has changed from a LOW to HIGH. A modem status interrupt will be generated if
MSR interrupt is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com