Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X752 Datasheet(PDF) 23 Page - Diodes Incorporated

Part # PI7C9X752
Description  High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X752 Datasheet(HTML) 23 Page - Diodes Incorporated

Back Button PI7C9X752 Datasheet HTML 19Page - Diodes Incorporated PI7C9X752 Datasheet HTML 20Page - Diodes Incorporated PI7C9X752 Datasheet HTML 21Page - Diodes Incorporated PI7C9X752 Datasheet HTML 22Page - Diodes Incorporated PI7C9X752 Datasheet HTML 23Page - Diodes Incorporated PI7C9X752 Datasheet HTML 24Page - Diodes Incorporated PI7C9X752 Datasheet HTML 25Page - Diodes Incorporated PI7C9X752 Datasheet HTML 26Page - Diodes Incorporated PI7C9X752 Datasheet HTML 27Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
23
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X752
Document Number DS40312 Rev 3-2
A product Line of
Diodes Incorporated
PI7C9X752
10.3.2 Auto Address Detection
If Special Character Detect is enabled (EFR[5] is set and XOFF2 contains the address byte) the receiver will try to detect an address
byte that matches the programmed character in XOFF2. If the received byte is a data byte or an address byte that does not match the
programmed character in XOFF2, the receiver will discard these data. Upon receiving an address byte that matches the XOFF2 char-
acter, the receiver will be automatically enabled if not already enabled, and the address character is pushed into the RX FIFO along
with the parity bit (in place of the parity error bit). The receiver also generates a line status interrupt (IER bit 2 must be set to 1 at this
time). The receiver will then receive the subsequent data from the ‘master’ station until being disabled by the controller after having
received a message from the ‘master’ station.
If another address byte is received and this address byte does not match XOFF2 character, the receiver will be automatically disabled
and the address byte is ignored. If the address byte matches XOFF2 character, the receiver will put this byte in the RX FIFO along with
the parity bit in the parity error bit (LSR[2]).
11. Host Interface
The host interface is 8 data bits wide with 8 address lines and control signals to execute data bus read and write transactions.
The PI7C9X752 data interface supports the Intel compatible types of CPUs and it is compatible to the industry standard 16C550
UART. No clock (oscillator nor external clock) is required for a data bus transaction. Each bus cycle is asynchronous using CS# IOR#
and IOW# or CS#, R/W#, All two UART channels share the same data bus for host operations. Please refer to pin description and host
interface read/write timing(Fig 10 and Fig 11).
11.1 UART Channel Selection
During Intel Bus Mode (16/68# pin is connected to VCC), a logic 0 on chip select pins, CSA# or CSB# allows the user to select UART
channel A or B to configure, send transmit data and/or unload receive data to/from the UART. Selecting all two UARTs can be useful
during power up initialization to write to the same internal registers, but do not attempt to read from all two uarts simultaneously.
Individual channel select functions are shown in Table 11.
Table 11. Channel A-B Select In 16 Mode
CSA#
CSB#
Function
1
1
UART de-selected
0
1
Channel A selected
1
0
Channel B selected
0
0
Channel A-B selected
During Motorola Bus Mode (16/68# pin is connected to GND), the package interface pins are configured for connection with Mo-
torola, and other popular microprocessor bus types. In this mode the V654 decodes two additional addresses, A3 and A4, to select one
of the two UART ports. The A3 and A4 address decode function is used only when in the Motorola Bus Mode. See Table 12.
Table 12. Channel A-B Select In 68 Mode
CS#
A3
Function
1
X
UART de-selected
0
0
Channel A selected
0
1
Channel B selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com