Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X752FAEX Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PI7C9X752FAEX
Description  High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X752FAEX Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PI7C9X752FAEX Datasheet HTML 5Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 6Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 7Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 8Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 9Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 10Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 11Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 12Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
9
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X752
Document Number DS40312 Rev 3-2
A product Line of
Diodes Incorporated
PI7C9X752
RX
FIFO
Figure 1. Auto ow control (Auto-RTS and Auto-CTS) example
TX
FIFO
SERIAL TO
PARALLEL
FLOW
CONTROL
PARALLEL
TO SERIAL
FLOW
CONTROL
RX
FIFO
TX
FIFO
SERIAL TO
PARALLEL
FLOW
CONTROL
PARALLEL
TO SERIAL
FLOW
CONTROL
UART 1
UART 2
TX
TX
RX
RX
RTS
RTS
CTS
CTS
2. Hardware Flow Control
Hardware flow control is comprised of Auto-CTS and Auto-RTS (see Figure 1). Auto-CTS and Auto-RTS can be enabled/disabled
independently by programming EFR[7:6].
With Auto-CTS, CTS must be active before the UART can transmit data.
Auto-RTS only activates the RTS output when there is enough room in the FIFO to receive data and de-activates the RTS output when
the RX FIFO is sufficiently full. The halt and resume trigger levels is controlled by FCR and FCTR bits.
If both Auto-CTS and Auto-RTS are enabled, when RTS is connected to CTS, data transmission does not occur unless the receiver
FIFO has empty space. Thus, overrun errors are eliminated during hardware flow control. If not enabled, overrun errors occur if the
transmit data rate exceeds the receive FIFO servicing latency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com