Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X752FAEX Datasheet(PDF) 34 Page - Diodes Incorporated

Part # PI7C9X752FAEX
Description  High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X752FAEX Datasheet(HTML) 34 Page - Diodes Incorporated

Back Button PI7C9X752FAEX Datasheet HTML 30Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 31Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 32Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 33Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 34Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 35Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 36Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 37Page - Diodes Incorporated PI7C9X752FAEX Datasheet HTML 38Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
34
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X752
Document Number DS40312 Rev 3-2
A product Line of
Diodes Incorporated
PI7C9X752
Offset 06H(default=00)--- RS-485 Mode Control Register (RS485). Accessible when LCR[7]=1,LCR!=0xBF and
ASR[7]=1
Bit
Type
Description
[7:6]
RO
Reserved
5
RW
Auto RS-485 Polarity Inversion
This bit changes the polarity of the Auto RS-485 Direction Control output pin (RTS#). It will only af-
fect the behavior of RTS# if RS485[4]=1
0 = RTS# output is HIGH when transmitting and LOW when receiving
1 = RTS# output is LOW when transmitting and HIGH when receiving
4
RW
Auto RS-485 direction control
This bit enables the transmitter to control RTS# pin
0 = transmitter does not control RTS# pin
1 = transmitter controls RTS# pin
[3:1]
RO
Reserved
0
RW
When set, enable RS-485 9-bit mode
Offset 06H(default=00H)--- Transmission Control Register (TCR). Accessible when LCR[7]=0, MCR[6]=1.
Bit
Type
Description
[7:4]
RW
RX FIFO Resume level.
When the RX FIFO is less than or equal to the value(decimal value of TCR[7:4] multiplied by 4),the
RTS# output will be re-asserted if Auto RTS flow is used or XON character will be transmitted if Auto
XON/XOFF flow control is used. It is recommended that this value is less than the RX Trigger Level.
If TCR[7:4] is zero, the RX FIFO Resume level is defined by FCR/FCTR register(Table A-D)
[3:0]
RW
RX FIFO Halt level.
When the RX FIFO is greater than or equal to the value(decimal value of TCR[3:0] multiplied by
4),the RTS# output will be de-asserted if Auto RTS flow is used or XOFF character will be transmitted
if Auto XON/XOFF flow control is used. It is recommended that this value is greater than the RX Trig-
ger Level. If TCR[3:0] is zero, the RX FIFO Halt level is defined by FCR/FCTR register(Table A-D)
Offset 07H(default=00H)--- Trigger Level Register (TLR). Accessible when LCR[7]=0, MCR[6]=1.
Bit
Type
Description
[7:4]
RW
RX FIFO Trigger level.
When the number of characters received in RX FIFO is greater than or equal to the value(decimal
value of TLR[7:4] multiplied by 4), a Receive Data Ready interrupt is generated. If TLR[7:4]=0x0, then
the RX FIFO Trigger Level is the value selected by FCR[7:6] if TLR[7:4] is zero, the RX FIFO Trigger
level is defined by FCR/FCTR register(Table A-D)
Offset 05H(default=00)--- Sample Clock Register (SNR). Accessible when LCR[7]=1,LCR!=0xBF and ASR[2]=1
Bit
Type
Description
[7:4]
RW
SCR - Sample clock value, which is used to baud rate generate
[3:0]
RW
CPR - N number in calculating, which is used to baud rate generate
Note: 16-SCR+CPR>1, when set SNR to control the baud rate, DLD should be keep the default value 8'h00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com